Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC9200 Datasheet(HTML) 1 Page - STMicroelectronics

  STAC9200 Datasheet HTML 1Page - STMicroelectronics STAC9200 Datasheet HTML 2Page - STMicroelectronics STAC9200 Datasheet HTML 3Page - STMicroelectronics STAC9200 Datasheet HTML 4Page - STMicroelectronics STAC9200 Datasheet HTML 5Page - STMicroelectronics STAC9200 Datasheet HTML 6Page - STMicroelectronics STAC9200 Datasheet HTML 7Page - STMicroelectronics STAC9200 Datasheet HTML 8Page - STMicroelectronics STAC9200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
April 2014
DocID025416 Rev 2
1/14
STAC9200
200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
Datasheet
- preliminary data
Figure 1. Pin connection
Features
• Improved ruggedness: V(BR)DSS > 80 V
• Load mismatch 65:1 all phases @
200 W / 32 V / 860 MHz under 1 msec - 10%
• POUT = 200 W min. (250 W typ.) with 16 dB
gain @ 860 MHz
• In compliance with the 2002/95/EC European
directive
• ST air-cavity STAC® packaging technology
Description
The STAC9200 is a common source N-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband applications in
the HF to 1300 MHz frequency range. The
STAC9200 benefits from the latest generation of
efficient STAC® package technology.
1
1
2
3
3
1. Drain
3. Gate
2. Source (bottom side)
STAC244B
Air cavity
Table 1. Device summary
Order code
Marking
Package
Packaging
STAC9200
STAC9200(1)
STAC244B
Plastic tray
1.
For more details please refer to Chapter 8: Marking, packing and shipping specifications.
www.st.com


Similar Part No. - STAC9200

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5TAE IDT-STAC9200D5TAE Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
STAC4932F1MR STMICROELECTRONICS-STAC4932F1MR Datasheet
474Kb / 16P
350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
17-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com