Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117IJT Datasheet(PDF) 19 Page - STMicroelectronics

Part # STC3117IJT
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117IJT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STC3117IJT Datasheet HTML 15Page - STMicroelectronics STC3117IJT Datasheet HTML 16Page - STMicroelectronics STC3117IJT Datasheet HTML 17Page - STMicroelectronics STC3117IJT Datasheet HTML 18Page - STMicroelectronics STC3117IJT Datasheet HTML 19Page - STMicroelectronics STC3117IJT Datasheet HTML 20Page - STMicroelectronics STC3117IJT Datasheet HTML 21Page - STMicroelectronics STC3117IJT Datasheet HTML 22Page - STMicroelectronics STC3117IJT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID025792 Rev 2
19/34
STC3117
Functional description
34
Figure 9. Timing diagram details of the power-up and restart sequence
Battery swap detection
A battery swap can be detected in two ways:
•
the battery voltage drops below the undervoltage lockout (UVLO) for more than tdel
•
the BATD signal rises above the BATD threshold (1.61 V typ) for more than tdel
The tdel delay is 0.5 s.
Using the 0.5 s filter provides robust battery swap detection and prevents false battery swap
detection if short contact bouncing occurs at the battery terminals due to mechanical
vibrations or shocks. This also prevents false detections in case of short battery voltage
drops and protects the application against high surge currents at low temperatures.
Following a battery swap detection and after the battery voltage goes back above UVLO
and the BATD level returns to low level, the STC3117 is on hold with new voltage and
current measurements in the corresponding registers. The system has to restart the
STC3117 by doing a device soft reset i.e. by setting the PORDET bit to 1 in the REG_CTRL
register and restoring the parameters (if needed). To recover the event, either use the
measured voltage and current to define a new OCV voltage, or restore a previous SOC
state.
The occurrence of the battery swap event is indicated by the BATFAIL and UVLOD bits in
the REG_CTRL register.
VCC
UVLO
Internal 1mA
sink current
Voltage
measurement
delay
CD pin
(low means HiZ)
OCV
meas.
Application can start,
charge is enabled
Current
measurement
Temperature
measurement
125
ms
Conversion
counter
X
0
1
23
Vinmin_cd
Ibat
meas.
(arbitrary Vcc
waveforms only to
illustrate the function)
“Dead”
battery
“Good”
battery
GAMS1601141520CB
“Good” battery
“Dead” battery
375 ms
125
ms
125
ms
250
ms
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com