Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3117IJT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STC3117IJT
Description  Gas gauge IC with battery charger control for handheld applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3117IJT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STC3117IJT Datasheet HTML 19Page - STMicroelectronics STC3117IJT Datasheet HTML 20Page - STMicroelectronics STC3117IJT Datasheet HTML 21Page - STMicroelectronics STC3117IJT Datasheet HTML 22Page - STMicroelectronics STC3117IJT Datasheet HTML 23Page - STMicroelectronics STC3117IJT Datasheet HTML 24Page - STMicroelectronics STC3117IJT Datasheet HTML 25Page - STMicroelectronics STC3117IJT Datasheet HTML 26Page - STMicroelectronics STC3117IJT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID025792 Rev 2
23/34
STC3117
I2C interface
34
7.2
Register map and description
7.2.1
Register map
The register space provides 31 control registers, 16 read/write RAM working registers
reserved for the gas gauge algorithm, and 48 OCV table registers. Mapping of all registers
is shown in Table 11. Detailed descriptions of registers 0 (REG_MODE) and 1 (REG_CTRL)
are shown in Table 12 and Table 13. All registers are reset to default values at power-on or
reset, and the PORDET bit in register REG_CTRL is used to indicate the occurrence of a
power-on reset. Table 14 gives a detailed description of the internal OCV table registers.
Table 11. Register map
Name
Address
(decimal)
Type
POR
Soft
POR
Description
LSB
Control registers
0 to 30
REG_MODE
0
R/W
Mode register
REG_CTRL
1
R/W
Control and status register
REG_SOC (L-H)
2-3
R/W
Battery SOC (2 bytes)
1/512 %
REG_COUNTER (L-H)
4-5
R
0x00
0x00
Number of conversions
(2 bytes)
REG_CURRENT (L-H)
6-7
R
0x00
0x00
Battery current (2 bytes)
5.88
μV
REG_VOLTAGE (L-H)
8-9
R
0x00
0x00
Battery voltage (2 bytes)
2.2 mV
REG_TEMPERATURE
10
R
0x00
0x00
Temperature
1
° C
REG_AVG_CURRENT
(L-H)
11-12
R/W
0x00
0x00
Battery average current or
SOC change rate (2 bytes)
1.47
μV or
0.008789 C
REG_OCV (L-H)
13-14
R/W
0x00
0x00
OCV register (2 bytes)
0.55 mV
REG_CC_CNF (L-H)
15-16
R/W
395
395
Coulomb counter gas gauge
configuration (2 bytes)
REG_VM_CNF (L-H)
17-18
R/W
321
321
Voltage gas gauge algorithm
parameter(2 bytes)
REG_ALARM_SOC
19
R/W
0x02
0x02
SOC alarm level
(default = 1 %)
1/2 %
REG_ALARM_VOLTAGE
20
R/W
0xAA
0xAA
Battery low voltage alarm
level (default is 3 V)
17.6 mV
REG_CURRENT_THRES
21
R/W
0x0A
0x0A
Current threshold for current
monitoring (bits 6-0)
47.04
μV
REG_CMONIT_COUNT
22
R
0x78
0x78
Current monitoring counter
REG_CMONIT_MAX
23
R/W
0x78
0x78
Maximum counter value for
current monitoring
REG_ID
24
R
0x16
0x16
Part type ID = 16h
REG_CC_ADJ (L-H)
27-28
R
0x00
0x00
Coulomb counter adjustment
register (2 bytes)
1/512 %
REG_VM_ADJ (L-H)
29-30
R
0x00
0x00
Voltage mode adjustment
register (2 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com