Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-CUDJ6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # STBP112-CUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-CUDJ6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STBP112-CUDJ6F Datasheet HTML 22Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 23Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 24Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 25Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 26Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 29Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
DC and AC parameters
STBP112
26/38
Doc ID 023357 Rev 3
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in Table 5 are derived from tests performed
under the measurement conditions summarized in Table 4. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 4.
Operating and AC measurement conditions
Parameter
Value
Unit
Input voltage (VIN)5
V
Ambient operating temperature (TA)
-40 to 85
°C
Junction operating temperature (TJ)
-40 to 125
°C
Logical input rise and fall times
5
ns
Table 5.
DC and AC characteristics
Symbol
Description
Test condition(1)
Min.
Typ.
Max.
Unit
VIN
Input voltage range
VUVLO
28
V
VUVLO
Input undervoltage lockout
threshold (VIN rising)
Option T
Option U
Option V
2.5
2.8
3.1
2.7
3.0
3.25
2.9
3.2
3.4
V
VHYS(UVLO)
Undervoltage lockout
hysteresis(2)
100
mV
VOVLO
Overvoltage lockout threshold
VIN raises OVLO threshold, option A
5.25
5.375
5.50
V
VIN raises OVLO threshold, option B
5.30
5.50
5.70
VIN raises OVLO threshold, option C
5.71
5.90
6.10
VIN raises OVLO threshold, option D
5.70
6.02
6.40
VIN raises OVLO threshold, option E
6.20
6.40
6.60
VIN raises OVLO threshold, option F
6.60
6.80
7.00
VIN raises OVLO threshold, option G
7.00
7.20
7.40
VHYS(OVLO) Input overvoltage hysteresis
30
60
90
mV
RDS(on)
IN to OUT resistance
V(EN) = 0 V, VIN = 5 V, ILOAD = 0.5 A
165
280
m
Ω
ICC
Operating current
V(EN)= 0 V, ILOAD = 0 A
140
210
µA
ICC(STDBY) Standby current
V(EN) = 5 V, ILOAD = 0 A
80
120
VOL(FLT)
FLT output low level voltage
VIN > VOVLO, ISINK(FLT) = 5 mA
350
800
mV
IL(FLT)
FLT output leakage current
VFLT = 5 V
0.1
2
µA
VIL(EN)
EN low level input voltage
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com