Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP112-CUDJ6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # STBP112-CUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-CUDJ6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STBP112-CUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 35Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 36Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 37Page - STMicroelectronics STBP112-CUDJ6F Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
STBP112
Part numbering
Doc ID 023357 Rev 3
35/38
11
Part numbering
Note:
Please check device version availability on www.st.com. Please contact local ST sales office
for new device version request.
Table 10.
Ordering information scheme
STBP112
A
T
DJ
6
F
Device type
STBP112
Overvoltage threshold
A = 5.375 V
B = 5.50 V
C = 5.90 V
D = 6.02 V
E = 6.40 V
F = 6.80 V
G = 7.20 V
Undervoltage threshold
T = 2.70 V
U = 3.00 V
V = 3.25 V
Package
DJ = TDFN8 2 x 2 x 0.75 mm
Temperature range
6 = -40 to +85 °C
Shipping method
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com