Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161S Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # SAFC161S
Description  16-Bit Single-Chip Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161S Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button SAFC161S Datasheet HTML 34Page - Infineon Technologies AG SAFC161S Datasheet HTML 35Page - Infineon Technologies AG SAFC161S Datasheet HTML 36Page - Infineon Technologies AG SAFC161S Datasheet HTML 37Page - Infineon Technologies AG SAFC161S Datasheet HTML 38Page - Infineon Technologies AG SAFC161S Datasheet HTML 39Page - Infineon Technologies AG SAFC161S Datasheet HTML 40Page - Infineon Technologies AG SAFC161S Datasheet HTML 41Page - Infineon Technologies AG SAFC161S Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
C161S
Electrical Parameters
Data Sheet
34
V1.0, 2003-11
4.2
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the C161S. All parameters specified in the following sections refer to these
operating conditions, unless otherwise noticed.
Table 8
Operating Condition Parameters
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Standard
digital supply voltage
V
DD
4.5
5.5
V
Active mode,
f
CPUmax = 25 MHz
2.5
1)
1) Output voltages and output currents will be reduced when
V
DD leaves the range defined for active mode.
5.5
V
Power down mode
Reduced
digital supply voltage
V
DD
3.0
3.6
V
Active mode,
f
CPUmax = 20 MHz
2.5
1)
3.6
V
Power down mode
Digital ground voltage
V
SS
0
V
Reference voltage
Overload current
I
OV
–
±5
mA
Per pin
2)3)
2) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range (i.e.
V
OV > VDD + 0.5 V or VOV < VSS - 0.5 V). The absolute sum of input overload
currents on all pins may not exceed 50 mA. The supply voltage must remain within the specified limits.
Proper operation is not guaranteed if overload conditions occur on functional pins such as XTAL1, RD, WR,
etc.
3) Not subject to production test, verified by design/characterization.
Absolute sum of overload
currents
Σ|I
OV|
–
50
mA
3)
External Load
Capacitance
C
L
–
100
pF
–
Ambient temperature
T
A
070
°C
SAB-C161S …
-40
85
°C
SAF-C161S …
-40
125
°C
SAK-C161S …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com