Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC161S Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # SAFC161S
Description  16-Bit Single-Chip Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161S Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button SAFC161S Datasheet HTML 37Page - Infineon Technologies AG SAFC161S Datasheet HTML 38Page - Infineon Technologies AG SAFC161S Datasheet HTML 39Page - Infineon Technologies AG SAFC161S Datasheet HTML 40Page - Infineon Technologies AG SAFC161S Datasheet HTML 41Page - Infineon Technologies AG SAFC161S Datasheet HTML 42Page - Infineon Technologies AG SAFC161S Datasheet HTML 43Page - Infineon Technologies AG SAFC161S Datasheet HTML 44Page - Infineon Technologies AG SAFC161S Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
C161S
Electrical Parameters
Data Sheet
37
V1.0, 2003-11
Port 6 active current
7)
I
P6L
6)
-500
–
µA
V
OUT = VOL1max
PORT0 configuration current
7)
I
P0H
5)
–
-10
µA
V
IN = VIHmin
I
P0L
6)
-100
–
µA
V
IN = VILmax
XTAL1 input current
I
IL
CC –
±20
µA0 V < V
IN < VDD
Pin capacitance
8)
(digital inputs/outputs)
C
IO
CC –
10
pF
f = 1 MHz,
T
A = 25 °C
1) Keeping signal levels within the levels specified in this table, ensures operation without overload conditions.
For signal levels outside these specifications also refer to the specification of the overload current
I
OV.
2) Valid in bidirectional reset mode only.
3) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
4) These parameters describe the RSTIN pull-up, which equals a resistance of ca. 50 to 250 k
Ω.
5) The maximum current may be drawn while the respective signal line remains inactive.
6) The minimum current must be drawn in order to drive the respective signal line active.
7) This specification is only valid during Reset and Adapt Mode.
8) Not subject to production test, verified by design/characterization.
Table 9
DC Characteristics (Standard Supply Voltage Range) (cont’d)
(Operating Conditions apply)
1)
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com