Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C164CL Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 36Page - Infineon Technologies AG C164CL Datasheet HTML 37Page - Infineon Technologies AG C164CL Datasheet HTML 38Page - Infineon Technologies AG C164CL Datasheet HTML 39Page - Infineon Technologies AG C164CL Datasheet HTML 40Page - Infineon Technologies AG C164CL Datasheet HTML 41Page - Infineon Technologies AG C164CL Datasheet HTML 42Page - Infineon Technologies AG C164CL Datasheet HTML 43Page - Infineon Technologies AG C164CL Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
36
V2.0, 2001-05
CTCON
b FF30H
98H
CAPCOM 6 Compare Timer Ctrl. Reg.
1010H
DP0H
b F102H
E 81H
P0H Direction Control Register
00H
DP0L
b F100H
E 80H
P0L Direction Control Register
00H
DP1H
b F106H
E 83H
P1H Direction Control Register
00H
DP1L
b F104H
E 82H
P1L Direction Control Register
00H
DP3
b FFC6H
E3H
Port 3 Direction Control Register
0000H
DP4
b FFCAH
E5H
Port 4 Direction Control Register
00H
DP8
b FFD6H
EBH
Port 8 Direction Control Register
00H
DPP0
FE00H
00H
CPU Data Page Pointer 0 Reg. (10 bits)
0000H
DPP1
FE02H
01H
CPU Data Page Pointer 1 Reg. (10 bits)
0001H
DPP2
FE04H
02H
CPU Data Page Pointer 2 Reg. (10 bits)
0002H
DPP3
FE06H
03H
CPU Data Page Pointer 3 Reg. (10 bits)
0003H
EXICON
b F1C0H
E E0H
External Interrupt Control Register
0000H
EXISEL
b F1DAH E EDH
External Interrupt Source Select Reg.
0000H
FOCON
b FFAAH
D5H
Frequency Output Control Register
0000H
IDCHIP
F07CH
E 3EH
Identifier
XXXXH
IDMANUF
F07EH
E 3FH
Identifier
1820H
IDMEM
F07AH
E 3DH
Identifier
XXXXH
IDPROG
F078H
E 3CH
Identifier
XXXXH
IDMEM2
F076H
E 3BH
Identifier
XXXXH
ISNC
b F1DEH E EFH
Interrupt Subnode Control Register
0000H
MDC
b FF0EH
87H
CPU Multiply Divide Control Register
0000H
MDH
FE0CH
06H
CPU Multiply Divide Reg. – High Word
0000H
MDL
FE0EH
07H
CPU Multiply Divide Reg. – Low Word
0000H
ODP3
b F1C6H
E E3H
Port 3 Open Drain Control Register
0000H
ODP4
b F1CAH E E5H
Port 4 Open Drain Control Register
00H
ODP8
b F1D6H
E EBH
Port 8 Open Drain Control Register
00H
ONES
b FF1EH
8FH
Constant Value 1’s Register (read only)
FFFFH
OPAD
EDC2H X ---
OTP Progr. Interface Address Register
0000H
OPCTRL
EDC0H X ---
OTP Progr. Interface Control Register
0007H
Table 7
C164CI Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com