Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C164CL Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 45Page - Infineon Technologies AG C164CL Datasheet HTML 46Page - Infineon Technologies AG C164CL Datasheet HTML 47Page - Infineon Technologies AG C164CL Datasheet HTML 48Page - Infineon Technologies AG C164CL Datasheet HTML 49Page - Infineon Technologies AG C164CL Datasheet HTML 50Page - Infineon Technologies AG C164CL Datasheet HTML 51Page - Infineon Technologies AG C164CL Datasheet HTML 52Page - Infineon Technologies AG C164CL Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
45
V2.0, 2001-05
Table 10
Current Limits for Port Output Drivers
Port Output Driver
Mode
Maximum Output Current
(
IOLmax, -IOHmax)
1)
Nominal Output Current
(
IOLnom, -IOHnom)
2)
Strong driver
10 mA
2.5 mA
Medium driver
4.0 mA
1.0 mA
Weak driver
0.5 mA
0.1 mA
1) An output current above |I
OXnom| may be drawn from up to three pins at the same time.
For any group of 16 neighboring port output pins the total output current in each direction (
ΣIOL and Σ-IOH)
must remain below 50 mA.
2) The current ROM-version of the C164CI (step Ax) is equipped with port drivers, which provide reduced driving
capability and reduced control. Please refer to the actual errata sheet for details.
Power Consumption C164CI (ROM)
(Operating Conditions apply)
Parameter
Sym-
bol
Limit Values
Unit Test
Conditions
min.
max.
Power supply current (active)
with all peripherals active
IDD
–
1 +
2.5
× fCPU
mA
RSTIN =
VIL
fCPU in [MHz]
1)
1) The supply current is a function of the operating frequency. This dependency is illustrated in Figure 9.
These parameters are tested at
VDDmax and maximum CPU clock with all outputs disconnected and all inputs
at
VIL or VIH.
Idle mode supply current
with all peripherals active
IIDX
–
1 +
1.1
× fCPU
mA
RSTIN =
VIH1
fCPU in [MHz]
1)
Idle mode supply current
with all peripherals deactivated,
PLL off, SDD factor = 32
IIDO
2)
2) This parameter is determined mainly by the current consumed by the oscillator (see Figure 8). This current,
however, is influenced by the external oscillator circuitry (crystal, capacitors). The values given refer to a typical
circuitry and may change in case of a not optimized external oscillator circuitry.
–
500 +
50
× fOSC
µARSTIN = VIH1
fOSC in [MHz]
1)
Sleep and Power-down mode
supply current with RTC running
IPDR
2) –
200 +
25
× fOSC
µA
VDD = VDDmax
fOSC in [MHz]
3)
3) This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 V to
0.1 V or at
VDD - 0.1 V to VDD, VREF = 0 V, all outputs (including pins configured as outputs) disconnected.
Sleep and Power-down mode
supply current with RTC disabled
IPDO
–
50
µA
VDD = VDDmax
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com