Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000RLSR Datasheet(PDF) 14 Page - Texas Instruments

Part # TS3USB3000RLSR
Description  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000RLSR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TS3USB3000RLSR Datasheet HTML 10Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 11Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 12Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 13Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 14Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 15Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 16Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 17Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TS3USB3000
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
The TS3USB3000 can be properly operated without any external components. However, TI recommends that
unused pins must be connected to ground through a 50-
Ω resistor to prevent signal reflections back into the
device.
9.2.3 Application Curves
Figure 16. Eye Pattern: 0.7 Gbps With No Device
Figure 17. Time Interval Error Histogram: 0.7 Gbps With
No Device
The TS3USB3000 contributes only 8.4 ps of peak-to-peak jitter
for 0.7-Gbps data rate.
The TS3USB3000 contributes only 8.4 ps of peak-to-peak jitter
for 0.7-Gbps data rate.
Figure 19. Time Interval Error Histogram: 0.7 Gbps for
Figure 18. Eye Pattern: 0.7 Gbps for MHL Switch
MHL Switch
14
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com