Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000RLSR Datasheet(PDF) 15 Page - Texas Instruments

Part # TS3USB3000RLSR
Description  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000RLSR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS3USB3000RLSR Datasheet HTML 11Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 12Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 13Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 14Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 15Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 16Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 17Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 18Page - Texas Instruments TS3USB3000RLSR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
TS3USB3000
www.ti.com
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
Typical Application (continued)
Figure 20. Eye Pattern: 2.2 Gbps With No Device
Figure 21. Time Interval Error Histogram: 2.2 Gbps With
No Device
The TS3USB3000 contributes only 3.8 ps of peak-to-peak jitter
The TS3USB3000 contributes only 3.8 ps of peak-to-peak jitter
for 2.2-Gbps data rate.
for 2.2-Gbps data rate.
Figure 23. Time Interval Error Histogram: 2.2 Gbps for
Figure 22. Eye Pattern: 2.2 Gbps for MHL Switch
MHL Switch
Figure 25. Time Interval Error Histogram: 3 Gbps With No
Figure 24. Eye Pattern: 3 Gbps With No Device
Device
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com