Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8DN10LF3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL8DN10LF3
Description  Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN10LF3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL8DN10LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 9Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 10Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 11Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 12Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 13Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 14Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID023009 Rev 6
13/15
STL8DN10LF3
Packing information
15
Figure 22. PowerFLAT™ 5x6 reel
Ø21.2
13.00
CORE DETAIL
2.50
1.90
R0.60
128
ØA
R1.10
2.50
4.00
R25.00
PART NO.
W1
W2
18.4 (max)
W3
ESD LOGO
11.9/15.4
12.4 (+2/-0)
A
330 (+0/-4.0)
All dimensions are in millimeters
ØN
178(±2.0)
8234350_Reel_rev_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com