Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8DN10LF3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL8DN10LF3
Description  Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN10LF3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL8DN10LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 9Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 10Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 11Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 12Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 13Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 14Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL8DN10LF3
14/15
DocID023009 Rev 6
6
Revision history
Table 9. Document revision history
Date
Revision
Changes
28-Mar-2012
1
First release.
20-Jun-2012
2
Added Section 2.1: Electrical characteristics (curves).
Updated Section 4: Package information and title on the cover page.
26-Jun-2012
3
Updated Figure 9: Capacitance variations.
Document status promoted from preliminary to production data.
28-Oct-2013
4
– Updated: Section 4: Package information and Section 5: Packing
information
– Updated title and features in cover page
– Modified: VGS(th) value in Table 4
– Minor text changes
20-Feb-2014
5
– Added: Features in cover page
– Added: note 1 in Table 1
– Added: Table 19 and Table 9
– Added: Figure 20
– Minor text changes
10-Jul-2015
6
– Updated title and description in cover page.
– Updated Section 4: Package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com