Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RD Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F303RD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F303RD Datasheet HTML 9Page - STMicroelectronics STM32F303RD Datasheet HTML 10Page - STMicroelectronics STM32F303RD Datasheet HTML 11Page - STMicroelectronics STM32F303RD Datasheet HTML 12Page - STMicroelectronics STM32F303RD Datasheet HTML 13Page - STMicroelectronics STM32F303RD Datasheet HTML 14Page - STMicroelectronics STM32F303RD Datasheet HTML 15Page - STMicroelectronics STM32F303RD Datasheet HTML 16Page - STMicroelectronics STM32F303RD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
DocID026415 Rev 4
13/184
STM32F303xD STM32F303xE
Description
67
Operating temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP64
LQFP100
,WLCSP100
UFBGA100
LQFP144
1. This total number considers also the PWMs generated on the complementary output channels.
2. The SPI interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
Table 2. STM32F303xD/E family device features and peripheral counts (continued)
Peripheral
STM32F303Rx
STM32F303Vx
STM32F303Zx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com