Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162VD Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32L162VD
Description  AES 128-bit encryption hardware accelerator
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VD Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32L162VD Datasheet HTML 107Page - STMicroelectronics STM32L162VD Datasheet HTML 108Page - STMicroelectronics STM32L162VD Datasheet HTML 109Page - STMicroelectronics STM32L162VD Datasheet HTML 110Page - STMicroelectronics STM32L162VD Datasheet HTML 111Page - STMicroelectronics STM32L162VD Datasheet HTML 112Page - STMicroelectronics STM32L162VD Datasheet HTML 113Page - STMicroelectronics STM32L162VD Datasheet HTML 114Page - STMicroelectronics STM32L162VD Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 115 page
background image
Revision History
STM32L162VD-X
114/115
DocID027268 Rev 3
9
Revision History
Table 68. Document revision history
Date
Revision
Changes
22-Jan-2015
1
Initial release.
30-Apr-2015
2
Updated Section 7: Package information structure: paragraph titles
and paragraph heading level.
Updated Section 7: Package information for WLCSP104 package
device marking adding text in for device orientation versus ball A1
identifier.
Updated Figure 27: WLCSP104, 0.4 mm pitch wafer level chip scale
package outline.
Updated Table 64: WLCSP104, 0.4 mm pitch wafer level chip scale
package mechanical data.
Added Figure 28: WLCSP104, 0.4 mm pitch wafer level chip scale
package recommended footprint.
Added Table 65: WLCSP104, 0.4 mm pitch recommended PCB design
rules.
Updated Table 7: STM32L162VD-X pin definitions ADC inputs.
Updated Table 15: Embedded internal reference voltage temperature
coefficient at 100ppm/°C and table footnote 3: “guaranteed by design”
changed by “guaranteed by characterization results”.
Updated Table 62: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
11-Feb-2016
3
Updated cover page putting eight SPIs in the peripheral
communication interface list.
Updated Table 1: Ultra-low-power STM32L162VD-X device features
and peripheral counts SPI and I2S lines.
Updated Table 38: ESD absolute maximum ratings CDM class.
Updated all the notes, removing ‘not tested in production’.
Updated Table 9: Voltage characteristics adding note about VREF- pin.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby) LSI and LSE functionalities putting “Y” in
Standby mode.
Updated Table 10: Current characteristics removing in the note 2, the
part linked to LQFP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com