Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H065DI Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC6H065DI
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065DI Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC6H065DI Datasheet HTML 1Page - STMicroelectronics STPSC6H065DI Datasheet HTML 2Page - STMicroelectronics STPSC6H065DI Datasheet HTML 3Page - STMicroelectronics STPSC6H065DI Datasheet HTML 4Page - STMicroelectronics STPSC6H065DI Datasheet HTML 5Page - STMicroelectronics STPSC6H065DI Datasheet HTML 6Page - STMicroelectronics STPSC6H065DI Datasheet HTML 7Page - STMicroelectronics STPSC6H065DI Datasheet HTML 8Page - STMicroelectronics STPSC6H065DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DocID023247 Rev 6
3/14
STPSC6H065
Characteristics
14
Table 5. Other parameters
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj
(1)
Total capacitive charge
VR = 400 V
18
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
300
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
30
1.
Most accurate value for the capacitive charge: Q =
cj(vR).dvR
cj
VOUT
0
Figure 1. Forward voltage drop versus forward
current (typical values, low level)
Figure 2. Forward voltage drop versus forward
current (typical values, high level)
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
A)
I
F(
VF (V)
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
A)
I
F(
VF (V)
Figure 3. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 4. Peak forward current versus case
temperature (TO-220AC, DPAK, D²PAK)
I
R(µA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
50
100 150 200 250 300 350 400 450 500 550 600 650
T
j=25 °C
T
j=150 °C
T
j=175 °C
VR(V)
I M (A)
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
d = 0.1
d = 0.3
d = 0.5
d = 1
d = 0.7
TC(°C)
T
d=tp/T
tp
IM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com