Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6H065DI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC6H065DI
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065DI Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC6H065DI Datasheet HTML 1Page - STMicroelectronics STPSC6H065DI Datasheet HTML 2Page - STMicroelectronics STPSC6H065DI Datasheet HTML 3Page - STMicroelectronics STPSC6H065DI Datasheet HTML 4Page - STMicroelectronics STPSC6H065DI Datasheet HTML 5Page - STMicroelectronics STPSC6H065DI Datasheet HTML 6Page - STMicroelectronics STPSC6H065DI Datasheet HTML 7Page - STMicroelectronics STPSC6H065DI Datasheet HTML 8Page - STMicroelectronics STPSC6H065DI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Characteristics
STPSC6H065
4/14
DocID023247 Rev 6
Figure 5. Peak forward current versus case
temperature (TO-220AC Ins)
Figure 6. Junction capacitance versus reverse
voltage applied (typical values)
I M (A)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
d = 0.1
d = 0.3
d = 0.5
d = 1
d = 0.7
TC(°C)
T
d=tp/T
tp
IM
0
50
100
150
200
250
300
0.1
1.0
10.0
100.0
1000.0
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)
Cj (pF)
Figure 7. Relative variation of thermal
impedance junction to case versus pulse
duration (TO-220AC, DPAK and D²PAK)
Figure 8. Relative variation of thermal
impedance junction to case versus pulse
duration (TO-220AC Ins)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c)/Rth(j-c)
Single pulse
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
Z
th(j-c)/Rth(j-c)
tp(s)
Figure 9. Non-repetitive peak surge forward
current versus pulse duration (sinusoidal
waveform)
Figure 10. Total capacitive charges versus
reverse voltage applied (typical values)
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
IFSM(A)
T
a=25 °C
T
a=125 °C
tp(s)
0
4
8
12
16
20
0
50
100
150
200
250
300
350
400
Q
cj(nC)
VR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com