Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC164CI Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # SAFC164CI
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164CI Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button SAFC164CI Datasheet HTML 44Page - Infineon Technologies AG SAFC164CI Datasheet HTML 45Page - Infineon Technologies AG SAFC164CI Datasheet HTML 46Page - Infineon Technologies AG SAFC164CI Datasheet HTML 47Page - Infineon Technologies AG SAFC164CI Datasheet HTML 48Page - Infineon Technologies AG SAFC164CI Datasheet HTML 49Page - Infineon Technologies AG SAFC164CI Datasheet HTML 50Page - Infineon Technologies AG SAFC164CI Datasheet HTML 51Page - Infineon Technologies AG SAFC164CI Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
44
V2.0, 2001-05
Input leakage current (all other)
IOZ2 CC –
±500
nA
0.45 V <
VIN <
VDD
RSTIN inactive current6)
IRSTH
7)
–
-10
µA
VIN = VIH1
RSTIN active current6)
IRSTL
8)
-100
–
µA
VIN = VIL
RD/WR inact. current9)
IRWH
7)
–
-40
µA
VOUT = 2.4 V
RD/WR active current9)
IRWL
8)
-500
–
µA
VOUT = VOLmax
ALE inactive current9)
IALEL
7)
–
40
µA
VOUT = VOLmax
ALE active current9)
IALEH
8)
500
–
µA
VOUT = 2.4 V
Port 4 inactive current9)
IP4H
7)
–
-40
µA
VOUT = 2.4 V
Port 4 active current9)
IP4L
8)
-500
–
µA
VOUT = VOL1max
PORT0 configuration current10)
IP0H
7)
–
-10
µA
VIN = VIHmin
IP0L
8)
-100
–
µA
VIN = VILmax
XTAL1 input current
IIL
CC –
±20
µA0 V < VIN < VDD
Pin capacitance11)
(digital inputs/outputs)
CIO CC –
10
pF
f = 1 MHz
TA = 25 °C
1) Keeping signal levels within the levels specified in this table, ensures operation without overload conditions.
For signal levels outside these specifications also refer to the specification of the overload current
IOV.
2) For pin RSTIN this specification is only valid in bidirectional reset mode.
3) The maximum deliverable output current of a port driver depends on the selected output driver mode, see
Table 10, Current Limits for Port Output Drivers. The limit for pin groups must be respected.
4) As a rule, with decreasing output current the output levels approach the respective supply level (V
OL → VSS,
VOH → VDD). However, only the levels for nominal output currents are guaranteed.
5) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
6) These parameters describe the RSTIN pullup, which equals a resistance of ca. 50 to 250 kΩ.
7) The maximum current may be drawn while the respective signal line remains inactive.
8) The minimum current must be drawn in order to drive the respective signal line active.
9) This specification is valid during Reset and during Adapt-mode. The Port 4 current values are only valid for
pins P4.3-0, which can act as CS outputs.
10) This specification is valid during Reset if required for configuration, and during Adapt-mode.
11) Not 100% tested, guaranteed by design and characterization.
DC Characteristics (cont’d)
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com