Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAFC164CI Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SAFC164CI
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164CI Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SAFC164CI Datasheet HTML 2Page - Infineon Technologies AG SAFC164CI Datasheet HTML 3Page - Infineon Technologies AG SAFC164CI Datasheet HTML 4Page - Infineon Technologies AG SAFC164CI Datasheet HTML 5Page - Infineon Technologies AG SAFC164CI Datasheet HTML 6Page - Infineon Technologies AG SAFC164CI Datasheet HTML 7Page - Infineon Technologies AG SAFC164CI Datasheet HTML 8Page - Infineon Technologies AG SAFC164CI Datasheet HTML 9Page - Infineon Technologies AG SAFC164CI Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
2
V2.0, 2001-05
• Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler
Packages,
Emulators,
Evaluation
Boards,
HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Bootstrap Loader
• 80-Pin MQFP Package, 0.65 mm pitch
This document describes several derivatives of the C164 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term C164CI throughout this document.
Table 1
C164CI Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for ROM(less) devices starting with and including design step AB, and for OTP devices
starting with and including design step DA.
Program
Memory
CAPCOM6
CAN Interf.
Operating
Frequency
SAK-C164CI-8R[25]M
SAF-C164CI-8R[25]M
64 KByte ROM
Full function
CAN1
20 MHz,
[25 MHz]
SAK-C164SI-8R[25]M
SAF-C164SI-8R[25]M
64 KByte ROM
Full function
---
20 MHz,
[25 MHz]
SAK-C164CL-8R[25]M
SAF-C164CL-8R[25]M
64 KByte ROM
Reduced fct. CAN1
20 MHz,
[25 MHz]
SAK-C164SL-8R[25]M
SAF-C164SL-8R[25]M
64 KByte ROM
Reduced fct. ---
20 MHz,
[25 MHz]
SAK-C164CL-6R[25]M
SAF-C164CL-6R[25]M
48 KByte ROM
Reduced fct. CAN1
20 MHz,
[25 MHz]
SAK-C164SL-6R[25]M
SAF-C164SL-6R[25]M
48 KByte ROM
Reduced fct. ---
20 MHz,
[25 MHz]
SAK-C164CI-L[25]M
SAF-C164CI-L[25]M
---
Full function
CAN1
20 MHz,
[25 MHz]
SAK-C164CI-8EM
SAF-C164CI-8EM
64 KByte OTP
Full function
CAN1
20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com