Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC6TH13TI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC6TH13TI
Description  Dual 650 V power Schottky silicon carbide diode in series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6TH13TI Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC6TH13TI Datasheet HTML 1Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 2Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 3Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 4Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 5Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 6Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 7Page - STMicroelectronics STPSC6TH13TI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
January 2016
DocID024696 Rev 3
1/8
8
STPSC6TH13TI
Dual 650 V power Schottky silicon carbide diode in series
Datasheet
- production data
Features
 No or negligible reverse recovery
 Switching behavior independent of
temperature
 Suited for specific bridge-less topologies
 High forward surge capability
 Insulated package:
– Capacitance: 7 pF
– Insulated voltage: 2500 V rms
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band gap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in specific bridge-less
topologies, this dual 650 V rectifier will boost the
performance in hard switching conditions. Its high
forward surge capability ensures a good
robustness during transient phases.
.
Table 1. Device summary (per diode)
Symbol
Value
IF(AV)
6 A
VRRM
650 V
Tj (max.)
175 °C
www.st.com


Similar Part No. - STPSC6TH13TI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC606D STMICROELECTRONICS-STPSC606D Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
logo
Inchange Semiconductor ...
STPSC606G ISC-STPSC606G Datasheet
393Kb / 2P
SiC Schottky Diode
logo
STMicroelectronics
STPSC606G-TR STMICROELECTRONICS-STPSC606G-TR Datasheet
106Kb / 8P
600 V power Schottky silicon carbide diode
24-Sep-2009
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
More results

Similar Description - STPSC6TH13TI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC8TH13TI STMICROELECTRONICS-STPSC8TH13TI Datasheet
275Kb / 8P
Dual 650 V power Schottky silicon carbide diode in series
05-Jan-2016
STPSC10TH13TI STMICROELECTRONICS-STPSC10TH13TI Datasheet
277Kb / 8P
Dual 650 V power Schottky silicon carbide diode in series
January 2016 Rev 3
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com