Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPTIC
Description  Parascan tunable integrated capacitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPTIC Datasheet HTML 2Page - STMicroelectronics STPTIC Datasheet HTML 3Page - STMicroelectronics STPTIC Datasheet HTML 4Page - STMicroelectronics STPTIC Datasheet HTML 5Page - STMicroelectronics STPTIC Datasheet HTML 6Page - STMicroelectronics STPTIC Datasheet HTML 7Page - STMicroelectronics STPTIC Datasheet HTML 8Page - STMicroelectronics STPTIC Datasheet HTML 9Page - STMicroelectronics STPTIC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Package information
STPTIC
6/13
DocID023772 Rev 4
Figure 4. Flip Chip dimensions (size for 1p5)
Figure 5. Flip Chip dimensions (size for 2p7, 3p3, 3p9, and 4p7)
Figure 6. Flip Chip dimensions (size for 5p6, 6p8, 8p2)
440 µm
110 µm
110 µm
UBM pads
160 x 100 µm
300 ± 40 µm
660 ± 30 µm
200 ± 20 µm
440 µm
105 µm
105 µm
UBM pads
160 x 100 µm
290 ± 30 µm
650 ± 30 µm
200 ± 20 µm
350 µm
350 µm
360 µm
140 µm
440 µm
105 µm
105 µm
UBM pads
160 x 100 µm
290 ± 30 µm
650 ± 30 µm
200 ± 20 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com