Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPTIC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPTIC
Description  Parascan tunable integrated capacitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPTIC Datasheet HTML 5Page - STMicroelectronics STPTIC Datasheet HTML 6Page - STMicroelectronics STPTIC Datasheet HTML 7Page - STMicroelectronics STPTIC Datasheet HTML 8Page - STMicroelectronics STPTIC Datasheet HTML 9Page - STMicroelectronics STPTIC Datasheet HTML 10Page - STMicroelectronics STPTIC Datasheet HTML 11Page - STMicroelectronics STPTIC Datasheet HTML 12Page - STMicroelectronics STPTIC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID023772 Rev 4
11/13
STPTIC
Ordering information
13
5
Ordering information
Figure 14. Ordering information scheme
Table 6. Ordering information
Part Number
Marking
Weight
Base Qty
Delivery Mode
STPTIC-12F1M6
12
4.8 mg
3000
Tape and reel
STPTIC-27F1M6
27
4.8 mg
3000
Tape and reel
STPTIC-33F1M6
33
4.8 mg
3000
Tape and reel
STPTIC-39F1M6
39
4.8 mg
3000
Tape and reel
STPTIC-47F1M6
47
4.8 mg
3000
Tape and reel
STPTIC-56F1M6
56
4.8 mg
3000
Tape and reel
STPTIC-68F1M6
68
4.8 mg
3000
Tape and reel
STPTIC-82F1M6
82
4.8 mg
3000
Tape and reel
STPTIC-12G1H5
TBD
0.7 mg
15000
Tape and reel
STPTIC-27G1H5
I1x
0.7 mg
15000
Tape and reel
STPTIC-33G1H5
I3x
0.7 mg
15000
Tape and reel
STPTIC-39G1H5
I2x
0.7 mg
15000
Tape and reel
STPTIC-47G1H5
I5x
0.7 mg
15000
Tape and reel
STPTIC-56G1H5
I4x
0.7 mg
15000
Tape and reel
STPTIC-68G1H5
I7x
0.7 mg
15000
Tape and reel
STPTIC-82G1H5
I6x
0.7 mg
15000
Tape and reel
ST
PTIC - 27
F 1
M6
STMicroelectronics
Parascan tunable integrated capacitor
Capacitor value
Design version
Package
Tolerance
27 = 2.7 pF
M6 = µQFN-6L
H5 = Flip Chip
1 = ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com