Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS10P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS10P3LLH6
Description  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STS10P3LLH6 Datasheet HTML 1Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 2Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 3Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 4Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 5Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 6Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 7Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 8Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2015
DocID025837 Rev 3
1/12
This is information on a product in full production.
www.st.com
STS10P3LLH6
P-channel -
30 V, 0.01 Ω typ., -12.5 A, STripFET™ H6
Power MOSFET in an SO-8 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STS10P3LLH6
-30 V
0.012 Ω
-12.5 A
•
Very low on-resistance
•
Very low gate charge
•
High avalanche ruggedness
•
Low gate drive power loss
Applications
•
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ H6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Packages
Packing
STS10P3LLH6
10K3L
SO-8
Tape and reel
SO - 8
1
4


Similar Part No. - STS10P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10P4LLF6 STMICROELECTRONICS-STS10P4LLF6 Datasheet
740Kb / 14P
P-channel 40 V, 0.0125 Ω typ., 10 A, StripFET™ F6 Power MOSFET in SO-8 package
December 2014 Rev 3
logo
VBsemi Electronics Co.,...
STS10P4LLF6 VBSEMI-STS10P4LLF6 Datasheet
1,016Kb / 9P
P-Channel 40 V (D-S) MOSFET
logo
STMicroelectronics
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
logo
VBsemi Electronics Co.,...
STS10PF30L VBSEMI-STS10PF30L Datasheet
996Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STS10P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
High avalanche ruggedness
03-Jul-2015
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
High avalanche ruggedness
22-Sep-2014
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
High avalanche ruggedness
10-Mar-2015
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
High avalanche ruggedness
20-Feb-2015
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
High avalanche ruggedness
February 2015 Rev 3
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
High avalanche ruggedness
07-Oct-2015
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
High avalanche ruggedness
09-Dec-2014
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
High avalanche ruggedness
27-Aug-2015
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
High avalanche ruggedness
08-Jan-2014
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
High avalanche ruggedness
July 2009 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com