Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS10P3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS10P3LLH6
Description  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10P3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STS10P3LLH6 Datasheet HTML 1Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 2Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 3Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 4Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 5Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 6Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 7Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 8Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STS10P3LLH6
4/12
DocID025837 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = -250 µA
-30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = -30 V
-1
µA
VDS = -30 V, TC = 125 °C
-10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±20 V
-100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
1
V
RDS(on)
Static drain-source on-
resistance
VGS = -10 V, ID = -5 A
0.01
0.012
Ω
VGS = -4.5 V, ID = -5 A
0.014
0.017
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz, VGS
= 0 V
-
3350
-
pF
Coss
Output capacitance
-
414
-
Crss
Reverse transfer
capacitance
-
287
-
Qg
Total gate charge
VDD = -15 V ID = -10 A
VGS = -4.5 V
(see Figure 14: "Gate
charge test circuit" )
-
33
-
nC
Qgs
Gate-source charge
-
14
-
Qgd
Gate-drain charge
-
11
-
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = -15 V, ID = -5 A
RG
= 4.7 Ω, VGS = -10 V
(see Figure 13: "Switching
times test circuit for resistive
load" )
-
12.8
-
ns
tr
Rise time
-
112
-
td(off)
Turn-off delay time
-
61
-
tf
Fall time
-
45
-
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
ISD = -5 A, VGS = 0
-
-1.1
V
trr
Reverse recovery time
ISD = -5 A, di/dt = 100 A/µs
VDD = -24 V, Tj = 150 °C
(see Figure 15: "Source-
drain diode forward
characteristics")
-
25.2
ns
Qrr
Reverse recovery charge
-
17.4
nC
IRRM
Reverse recovery current
-
-1.4
A
Notes:
(1)
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com