Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA7P60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA7P60
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA7P60 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA7P60 Datasheet HTML 1Page - STMicroelectronics ESDA7P60 Datasheet HTML 2Page - STMicroelectronics ESDA7P60 Datasheet HTML 3Page - STMicroelectronics ESDA7P60 Datasheet HTML 4Page - STMicroelectronics ESDA7P60 Datasheet HTML 5Page - STMicroelectronics ESDA7P60 Datasheet HTML 6Page - STMicroelectronics ESDA7P60 Datasheet HTML 7Page - STMicroelectronics ESDA7P60 Datasheet HTML 8Page - STMicroelectronics ESDA7P60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID027044 Rev 3
3/10
ESDA7P60-1U1M
Characteristics
10
Figure 3. Peak pulse power dissipation versus
initial junction temperature (typical values)
Figure 4. Peak pulse power versus exponential
pulse duration (maximum values)
Figure 5. Peak pulse current versus clamping
voltage (maximum values)
Figure 6. Leakage current versus junction
temperature (typical values)
Figure 7. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 8. ESD response to IEC 61000-4-2
(-8 kV contact discharge)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com