Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA7P60 Datasheet (PDF) - STMicroelectronics

ESDA7P60 Datasheet PDF - STMicroelectronics
Part # ESDA7P60
Download  ESDA7P60 Download
File Size   374.08 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA7P60 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA7P60 Datasheet PDF - STMicroelectronics

Part # ESDA7P60
Download  ESDA7P60 Click to download

File Size   374.08 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power transient voltage suppressor

ESDA7P60 Datasheet (HTML) - STMicroelectronics


ESDA7P60 Product details

Description
The ESDA7P60-1U1M is a unidirectional single
line TVS diode designed to protect the power line
against EOS and ESD transients.
The device is ideal for applications where high
power TVS and board space saving are required.

Features
• Low clamping voltage
• Typical peak pulse power:
– 700 W (8/20µs)
• Stand off voltage 5 V
• Unidirectional diode
• Low leakage current:
– 0.2 µA at 25 °C
• RoHS compliant
Complies with the following standards:
• IEC 61000-4-2 level 4
– ±30 kV (air discharge)
– ±30 kV (contact discharge)

Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
• Portable multimedia, tablets, mobile phone,
smart phone
• USB VBUS protection
• Power supply protection
• Battery protection




Similar Part No. - ESDA7P60

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDA7P60-1U1M TECHPUBLIC-ESDA7P60-1U1M Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
More results


Similar Description - ESDA7P60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA13P70-1U1M STMICROELECTRONICS-ESDA13P70-1U1M Datasheet
367Kb / 10P
High power transient voltage suppressor
03-Nov-2015
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
ESDA15P60-1U1M STMICROELECTRONICS-ESDA15P60-1U1M Datasheet
616Kb / 10P
High power transient voltage suppressor
27-Jul-2016
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
ESDA25P35-1U1M STMICROELECTRONICS-ESDA25P35-1U1M Datasheet
585Kb / 10P
High power transient voltage suppressor
28-Jul-2016
ESDA17P100-1U2M STMICROELECTRONICS-ESDA17P100-1U2M Datasheet
605Kb / 10P
High power transient voltage suppressor
14-Mar-2017
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA22P150-1U3M STMICROELECTRONICS-ESDA22P150-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
24-May-2018
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com