Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLC01
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01 Datasheet(HTML) 2 Page - STMicroelectronics

  FLC01 Datasheet HTML 1Page - STMicroelectronics FLC01 Datasheet HTML 2Page - STMicroelectronics FLC01 Datasheet HTML 3Page - STMicroelectronics FLC01 Datasheet HTML 4Page - STMicroelectronics FLC01 Datasheet HTML 5Page - STMicroelectronics FLC01 Datasheet HTML 6Page - STMicroelectronics FLC01 Datasheet HTML 7Page - STMicroelectronics FLC01 Datasheet HTML 8Page - STMicroelectronics FLC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
FLC01
2/11
DocID3616 Rev 7
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 2. Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
ITRM
Repetitive surge peak on state current for thyristor
-30° C
≤ Tamb ≤ 120° C
tp = 10 µs
(Figure 3)
190
A
IFRM
Repetitive surge peak on state current for diode
-30° C
≤ Tamb ≤ 120° C
dl/dt
Critical rate of rise time on state current -30° C
≤ Tamb ≤ 120° C
120
A/µs
Tstg
Tj
Storage junction temperature range
Maximum junction temperature
- 40 to + 150
+ 125
° C
Toper
Operating temperature range
- 30 to + 120
° C
TL
Maximum lead temperature for soldering during 10s
260
° C
Table 3. Thermal resistance
Symbol
Parameter
Min.
Rth(j-a)
Thermal resistance junction to ambient
100
° C/W
Table 4. Electrical characteristics: diode (D) parameter
Symbol
Test Conditions
Value
Unit
VF
IF = 2 A
tp ≤ 500 µs
Tj = 25° C
MAX
1.7
V
Table 5. Electrical characteristics: Thyristor (Th) and Zener (Z) parameters
Symbol
Test Conditions
Min.
Typ.
Max
Unit
IRM
VRM = 200 V
Tj = 25° C
1
µA
Tj = 125° C
10
µA
VBO
at IBO
Tj = 25° C
206
220
233
V
IBO
at VBO
Tj = 25° C
0.5
mA
VT
IT = 2 A
tp ≤ 500 µs
Tj = 25° C
1.7
V
αT
0.27
V/° C
I
I
F
VF
V
T
IRM
IBO
IT
V
V
BO
V
RM
Sym bol= Parm eter
V
= Stand-off voltage
RM
V
= Breakover voltage
BO
V
= On-state voltage
T
V
= Diode forward drop
F
I
= Breakover current
BO
I
= Leakage current
RM
T
= Temperature coefficient for V
72
BO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com