Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # FLC01
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01 Datasheet(HTML) 4 Page - STMicroelectronics

  FLC01 Datasheet HTML 1Page - STMicroelectronics FLC01 Datasheet HTML 2Page - STMicroelectronics FLC01 Datasheet HTML 3Page - STMicroelectronics FLC01 Datasheet HTML 4Page - STMicroelectronics FLC01 Datasheet HTML 5Page - STMicroelectronics FLC01 Datasheet HTML 6Page - STMicroelectronics FLC01 Datasheet HTML 7Page - STMicroelectronics FLC01 Datasheet HTML 8Page - STMicroelectronics FLC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
FLC01
4/11
DocID3616 Rev 7
The applications of the lighter using the capacitance discharge topology operate in 2
phases:
Phase 1
The energy coming from the mains is stored into the capacitor C. For that, the AC voltage is
rectified by the diode Ds.
Phase 2
At the end of the phase 1, the voltage across the capacitor C reaches the avalanche
threshold of the zener. Then a current flows through the gate of the thyristor Th which fires.
–
The firing of the thyristor causes an alternating current to flow through the
capacitor C
–
The positive parts of this current flow through C, Th and the primary of the HV
transformer
–
The negative parts of the current flow through C, D and the primary of the HV
transformer
RS resistor calculation
The Rs resistor allows, in addition with the capacitor C, the spark frequency to be adjusted
and the current from the mains to be limited. Its value shall allow the thyristor Th to fire even
in the worst case. In this case the system must fire with the lower RMS mains voltage value
while the breakdown voltage and current of the FLC are at the maximum.
The maximum Rs value is equal to:
(1) See Figure 4
Figure 6. Spark frequency versus RS and C
The couple Rs/C can be chosen with the previous curve.
Keep in mind the Rs maximum limit for which the system would not work when the AC
mains is minimum.
Rsmax
(V
AC min
2)
V
BO max
1 +
αTT
am b
25
–
()
⋅
()
⋅
[]
–
⋅
kI
BO
1
()
⋅
----------------------------------------------------------------------------------------------------------------------------------------
=
4.7
6.8
10
12
15
18
22
27 30
1
2
3
5
10
20
F (Hz)
Rs (k )
Ω
Vac=220Vrms, Vbo=225V, Tamb=25°C
C=3.3
F
μ
C=2.7
F
μ
C=2.2
F
μ
C=0.47
F
μ
C=0.47
F
μ
C=1
F
μ
C=1
F
μ
C=1.5
F
μ
C=1.5
F
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com