Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I3G4250D Datasheet(PDF) 20 Page - STMicroelectronics

Part # I3G4250D
Description  3-axis digital output gyroscope
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

I3G4250D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button I3G4250D Datasheet HTML 16Page - STMicroelectronics I3G4250D Datasheet HTML 17Page - STMicroelectronics I3G4250D Datasheet HTML 18Page - STMicroelectronics I3G4250D Datasheet HTML 19Page - STMicroelectronics I3G4250D Datasheet HTML 20Page - STMicroelectronics I3G4250D Datasheet HTML 21Page - STMicroelectronics I3G4250D Datasheet HTML 22Page - STMicroelectronics I3G4250D Datasheet HTML 23Page - STMicroelectronics I3G4250D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Application hints
I3G4250D
20/43
DocID027628 Rev 2
4
Application hints
Figure 11. I3G4250D electrical connections and external component values
Power supply decoupling capacitors (100 nF ceramic or polyester +10 μF) should be placed
as near as possible to the device (common design practice).
If Vdd and Vdd_IO are not connected together, power supply decoupling capacitors
(100 nF and 10 μF between Vdd and common ground, 100 nF between Vdd_IO and
common ground) should be placed as near as possible to the device (common design
practice).
The I3G4250D IC includes a PLL (phase-locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be connected to the PLLFILT pin (as
shown in Figure 11) to implement a second-order low-pass filter. Table 10 summarizes the
PLL low-pass filter component values.
Table 10. PLL low-pass filter component values
Component
Value
C1
10 nF ± 10%
C2
470 nF ± 10%
R2
10 k
 ± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com