Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I3G4250D Datasheet(PDF) 21 Page - STMicroelectronics

Part # I3G4250D
Description  3-axis digital output gyroscope
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

I3G4250D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button I3G4250D Datasheet HTML 17Page - STMicroelectronics I3G4250D Datasheet HTML 18Page - STMicroelectronics I3G4250D Datasheet HTML 19Page - STMicroelectronics I3G4250D Datasheet HTML 20Page - STMicroelectronics I3G4250D Datasheet HTML 21Page - STMicroelectronics I3G4250D Datasheet HTML 22Page - STMicroelectronics I3G4250D Datasheet HTML 23Page - STMicroelectronics I3G4250D Datasheet HTML 24Page - STMicroelectronics I3G4250D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID027628 Rev 2
21/43
I3G4250D
Digital interfaces
43
5
Digital interfaces
The registers embedded in the I3G4250D may be accessed through both the I2C and SPI
serial interfaces. The latter may be software-configured to operate either in 3-wire or 4-wire
interface mode.
The serial interfaces are mapped to the same pins. To select/exploit the I2C interface, the
CS line must be tied high (i.e., connected to Vdd_IO).
5.1
I2C serial interface
The I3G4250D I2C is a bus slave. The I2C is employed to write data to registers whose
content can also be read back.
The relevant I2C terminology is given in the table below.
There are two signals associated with the I2C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bi-directional line used for sending and receiving the data
to/from the interface. Both lines must be connected to Vdd_IO through an external pull-up
resistor. When the bus is free both the lines are high.
The I2C interface is compliant with fast mode (400 kHz) I2C standards as well as with
normal mode.
Table 11. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I2C/SPI mode selection (1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
SCL/SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
SDA/SDI/SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
SDO
SPI serial data output (SDO)
I2C least significant bit of the device address
Table 12. I2C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com