Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPED53 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED53
Description  3.8mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED53 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPED53 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
137
137
SPED3/4/5/3.8mm-travel Push-push Type
Style
12
C
Circuit Diagram(Viewed from direction A)
Unit:mm
Factory setting for contact points can be either 1 or 2.
Note
No.
Reference dimension of connection terminal
(T=0.5 〜 0.65mm)
5
∼8
(2)
3-ø1.91
hole
4.06
2-ø3.56
hole
13.28
4.06
(t=1.6)
PC board mounting hole dimensions
(Viewed from the direction A)
1
2
5.7
4.6
10
4.7
3.8
R1.5
18
6.2
4-1
ø9.7
11.3
3-2
8
Terminal No.C
Terminal No.2
Terminal No.1
(
Mechanical and Electrical)
Turnover point
Full stroke point
Reset point
A
2.7
2.89
13%0.38
18
6.2
4-1
V9.7
ø11.3
(
Mechanical and Electrical)
Turnover point
Full stroke point
Reset point
ø5.7
16.2
4.06
4.06
3-1.5
Terminal No.C
Terminal No.2
Terminal No.1
A
3
Dimensions
Wire length
Strip length
2
C
1
8
ø5.5
ø4.6
ø10
18.2
6.2
8-1
ø11.15
ø9.7
(
Mechanical and Electrical)
Turnover point
Full stroke point
Reset point
ø4.7
ø3.8
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com