Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPED53 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPED53
Description  3.8mm-travel Push-push Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPED53 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPED53 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPED53 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
136
136
SPED3/4/5
Smooth and linear operation feeling
3.8mm-travel Push-push Type
SPED53※
Japan
Export
1
Poles
Non shorting
Changeover
timing
For PC board
−
−
Terminal type
1,120
280
960
240
2,500
500
Minimum order unit(pcs.)
Alternate
Operation
SPED420200
SPED310200
Product No.
2
3
1
Drawing
No.
Product Line
PC board
With wire
Connector
Mounting
method
3.8
Total travel
(mm)
※ If the wire length and color are not specified, length (terminal ① and ② : 125mm, common terminal: 45mm), color
can be specified from black, white, and light green freely.
Note
SPED3
SPED4
SPED5
■ Typical Specifications
Items
Specifications
Rating(Resistive load)
2A 14.5V DC
Contact resistance
(Initial / After operating life)
100mΩ max. / 100mΩ max.
Operating force
4.17±0.74N
Operating life(With load)
30,000 cycles(2A 14.5V DC)
Circuit configuration
1-pole, 2-position
Refer to P.138 for soldering conditions.
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
SPED310200
500
2,500
400×270×290
SPED53
240
960
Bulk
Product No.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
SPED420200
280
1,120
555×375×223
Packing Specifications
Tray


Similar Part No. - SPED53

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPED53F ALPS-SPED53F Datasheet
198Kb / 3P
3.8mm-travel Push-push Type
More results

Similar Description - SPED53

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
Connector for microSD??Card (Push-push Type)
SPED2 ALPS-SPED2 Datasheet
121Kb / 2P
4.5mm-travel Push-push Type
SPED3 ALPS-SPED3 Datasheet
198Kb / 3P
3.8mm-travel Push-push Type
logo
Yamaichi Electronics Co...
NMS011-2500-1 YAMAICHI-NMS011-2500-1 Datasheet
168Kb / 2P
miniSD Card Reader - Push / Push (Reversed Type)
logo
SUYIN USA, INC.
250049FB009SXXXZA SUYIN-USA-250049FB009SXXXZA Datasheet
133Kb / 1P
2.50mm Pitch SD Card Push - Push Reverse Type
logo
ALPS ELECTRIC CO.,LTD.
SPED2 ALPS-SPED2_15 Datasheet
929Kb / 4P
4.5mm-travel Push-push Type
logo
Kyocera Kinseki Corpota...
5236 KSS-5236 Datasheet
255Kb / 2P
Normal mount & push-push eject type
logo
SHINMEI ELECTRIC CO., L...
SW1AF-360-T10 SHINMEI-SW1AF-360-T10 Datasheet
124Kb / 3P
Push-type Detector Switches
SW1AG-550 SHINMEI-SW1AG-550 Datasheet
86Kb / 2P
Push-type Detector Switches
SW-110 SHINMEI-SW-110 Datasheet
119Kb / 3P
Push-type Detector Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com