Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPS05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAP16DPS05
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05 Datasheet(HTML) 1 Page - STMicroelectronics

  STAP16DPS05 Datasheet HTML 1Page - STMicroelectronics STAP16DPS05 Datasheet HTML 2Page - STMicroelectronics STAP16DPS05 Datasheet HTML 3Page - STMicroelectronics STAP16DPS05 Datasheet HTML 4Page - STMicroelectronics STAP16DPS05 Datasheet HTML 5Page - STMicroelectronics STAP16DPS05 Datasheet HTML 6Page - STMicroelectronics STAP16DPS05 Datasheet HTML 7Page - STMicroelectronics STAP16DPS05 Datasheet HTML 8Page - STMicroelectronics STAP16DPS05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
November 2015
DocID024315 Rev 6
1/34
STAP16DPS05
Low voltage 16-bit constant current LED sink driver with output error
detection and auto power-saving for automotive applications
Datasheet
- production data
Features
• AECQ100 qualification
• Low voltage power supply down to 3 V
• 16 constant current output channels
• Adjustable output current through external
resistor
• Short and open output error detection
• Serial data IN/parallel data OUT
• 3.3 V micro driver-able
• Output current: 5-100 mA
• Auto power-saving
• Max. clock frequency: 30 MHz
• 20 V current generator rated voltage
• Power supply voltage: from 3 V to 5.5 V
• Thermal shutdown for overtemperature
protection
• ESD protection 2.0 kV HBM
Applications
• Dashboard and infotainment backlighting
• Exterior/interior lighting
• DTRLs
Description
The STAP16DPS05 is a monolithic, low voltage,
low current power 16-bit shift register designed for
LED panel displays. The device contains a 16-bit
serial-in, parallel-out shift register that feeds a 16-
bit D-type storage register. In the output stage,
sixteen regulated current sources are designed to
provide 5-100 mA constant current to drive the
LEDs.
The STAP16DPS05 features the open and short
LED detections on the outputs.The
STAP16DPS05 ensures the backward
compatibility with the STP16C/L596. The
detection circuit checks 3 different conditions,
which can occur on the output line: short to GND,
short to VO or open line. The data detection
results are loaded in the shift register and shifted
out via the serial line output. The detection
functionality is implemented without increasing
the pin number. Through a secondary function of
the output enable and latch pin (DM1 and DM2
respectively), a dedicated logic sequence allows
the device to enter or leave detection mode.
Through an external resistor, users can adjust the
output current of the STAP16DPS05, thus
controlling the light intensity of the LEDs. In
addition, the user can adjust the intensity of the
brightness of the LEDs from 0% to 100% through
the OE/DM2 pin. The STAP16DPS05 guarantees
a 20 V output driving capability, allowing users to
connect more LEDs in series. The high clock
frequency, 30 MHz, also satisfies the system
requirement of high volume data transmission.
The 3.3 V of voltage supply is very useful for
applications that interface any microcontroller
from 3.3 V micro. Compared with a standard
TSSOP package, the TSSOP exposed pad
increases the capability of heat dissipation by a
factor of 2.5.
Table 1. Device summary
Order code
Package
Packing
STAP16DPS05XTTR
HTSSOP24 (exposed pad)
2500 parts per reel
www.st.com


Similar Part No. - STAP16DPS05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPPS05XTTR STMICROELECTRONICS-STAP16DPPS05XTTR Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
More results

Similar Description - STAP16DPS05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
Low voltage 16-bit constant current LED sink driver
20-Jan-2010
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com