Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVQ8 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ8
Description  Water-proof Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ8 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ8 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
61
61
SPVQ8/Water-proof Type
Unit:mm
Style
No.
1
3
2
4
5.3
(2.6)
(90°)
Total travel position
Terminal No. ①-② ON-OFF
Operating position
Terminal No.①
Terminal No.②
Free position
5.08
8.3
2-0.6
5.3
Total travel position
Terminal No.①-② ON-OFF
Operating position
Terminal No.①
Terminal No.②
Free position
5.08
8.3
2-0.6
5
Terminal No. ①-② ON-OFF
Free position
Terminal No.①
Terminal No.②
5.08
2-0.6
8.3
ø2.7
5
ø2.2
5.3
2
Total travel position
Operating position
6
2
5.3
Terminal No.①
Terminal No.②
Free position
2-2
4.08
8.3
1.2
ø2.2
5
Total travel position
Terminal No.①-② ON-OFF
Operating position
7
8
0.7
0.7
5.3
Terminal No.①
Terminal No.②
Free position
2-2
4.08
8.3
1.2
ø2.2
5
Total travel position
Terminal No.①-② ON-OFF
Operating position
Dimensions
5
5.08
8.3
Terminal No.①
Terminal No.②
5.3
0.7
0.7
2-0.6
ø2.2
Terminal No. ①-② ON-OFF Operating position
Free position
Total travel position
ø2.7
(90
°)
2
5.3
(2.6)
5.08
2-0.6
8.3
Terminal No.①
Terminal No.②
Terminal No. ①-② ON-OFF
Free position
5
ø2.2
Total travel position
Operating position
3.7
5
8.3
Ø2.2
Terminal No.①
Terminal No.②
5.3
2
(90°)
1.8
0.31
Free Position
Terminal ①-② Operating position
Total travel position
Packing
specifications type
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
B
400
1,600
555×375×223
Style
No.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com