Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVQ8 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ8
Description  Water-proof Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ8 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ8 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ8 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
62
62
Water-proof Type
SPVQ8
Unit:mm
Style
No.
9
11
10
12
13
14
Dimensions
Total travel position
Terminal No. ①-②
Operating position
5
5.08
2-0.6
Ø2.7
8.3
Terminal No.①
Terminal No.②
5.3
2
Free Position
Total travel position
Terminal No. ①-②
Operating position
Free Position
5
4.08
8.3
1.2
2-2
Ø2.7
Terminal No. ①
Terminal No. ②
5.3
2±0.1
3.7
5
Ø2.7
8.3
Terminal No.①
Terminal No.②
5.3
2
(90°)
1.8
0.31
Total travel position
Terminal No.①-② Operating position
Free Position
operating force standard
measurement position
Free Position
8.3
5
2-Ø2.2
No. ①(Black)
(Terminal No.①-② Operating position)
No. ②
(Red)
Total travel position
8.3
5.3
5.3
0.7
0.7
AVSS0.3f
Terminal No. ①-②
Operating force
measurement position
Terminal No. ①-②
Free Position
Ø2.2
8.3
5
No. ①(Black)
(TerminalNo.①-②Operating position)
No. ②
(Red)
Total travel position
8.3
2
5.3
5.3
AVSS0.3f
Style
No.
Total travel position
Terminal No. ①-② Operating position
Free Position
5
5.08
2-0.6
Ø2.7
8.3
Terminal No. ①
Terminal No. ②
2
5.3
(2.6)
operating force standard
measurement position



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com