Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-256MTG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHVDAC-256MTG
Description  Antenna tuning circuit with turbo and glide
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-256MTG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHVDAC-256MTG Datasheet HTML 7Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 8Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 9Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 10Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 11Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 12Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 13Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 14Page - STMicroelectronics STHVDAC-256MTG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID028369 Rev 1
11/27
STHVDAC-256MTG
Devices operating modes
27
Figure 5. HVDAC state diagram
4.4
Device reset
Power-On Reset is implemented on the VI/O supply input, ensuring the HVDAC will be reset
to default mode once VI/O supply line rises above a given threshold (typically 1V). This
trigger will force all registers to their default value.
Device Reset is also implemented as defined in the MIPI RFFE specification. Setting
PWR_MODE bits to 01b will force the device to reset all registers to their default value, and
then automatically switch the device into low power mode.
A Soft Reset is implemented using register #26 MSB. Setting this bit will reset all registers to
their default values, except PM_TRIG register (reg #28) and device USID (reg #31).
4.5
RFFE serial interface
The HVDAC is fully controlled through RFFE serial interface (DATA, VIO, CLOCK).
This interface is further described in the next sections of this document and is made
compliant to the MIPI Alliance Specification for RF Front End control Interface version 1.10 -
26 July 2011 (see Figure 12 and Figure 13).
Sequence Start Condition (SSC): One rising edge followed by falling edge on DATA while
CLK remains at logic level low. This is used by the Master to identify the start of a Command
frame.
Parity (P): Each frame shall end with a single parity bit. The parity bit shall be driven such
that the total number of bits in the frame that are driven to logic level one, including the
parity bit, is odd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com