Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAJ Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAJ
Description  Compact type with 0.7mm body height
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAJ Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSAJ Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAJ Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
76
76
Dimensions
Unit:mm
Style
PC board mounting hole and land dimensions
(Viewed from the direction A)
No.
1
Terminal No. C
Terminal No.㈰
5.1
0.9
0.9
0.6
0.6
0.6
3
2
5.5
2
0.6
0.1
1.2
1.4
6.5
3
ø0.7
A
Terminal No.㈪
3-0.4
Note the arrangement of
circuit patterns
2
5.1
0.9
0.9
3-0.4
1.4
1.2
6.5
0.6
0.1
3
0.6
0.6
0.6
Note the arrangement of
circuit patterns
Terminal No.㈰
Terminal No.㈪
Terminal No. C
5.5
2
A
2
Circuit Diagram(Viewed from Direction A)
1
C
2
Terminal No. C
Terminal No.㈰
5.1
0.9
0.9
0.6
0.6
0.6
3
2
5.5
2
0.6
0.1
1.2
1.4
6.5
3
ø0.7
A
Terminal No.㈪
3-0.4
Note the arrangement of
circuit patterns
SSAJ 0.7(H)mm, 1.4mm-travel Surface Mount Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com