Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAJ Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SSAJ Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SSAJ
Download  SSAJ Download
File Size   928.01 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Compact type with 0.7mm body height

SSAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SSAJ Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SSAJ
Download  SSAJ Click to download

File Size   928.01 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description Compact type with 0.7mm body height

SSAJ Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SSAJ

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SSA MITSUMI-SSA Datasheet
111Kb / 2P
Self Return Slide Switches
logo
Littelfuse
SSA LITTELFUSE-SSA Datasheet
427Kb / 6P
Two-terminal, Metal Type Current Shunt Resistor
10/29/24
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results


Similar Description - SSAJ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
logo
STANLEY ELECTRIC CO.,LT...
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
1608 (h=0.7mm) Type, Milky White resin
logo
SHINMEI ELECTRIC CO., L...
SSS-32MD-T9 SHINMEI-SSS-32MD-T9 Datasheet
219Kb / 5P
Body height 2.45mm, Compact-sized Surface-mounting Type Encoders
SSS-60MD SHINMEI-SSS-60MD Datasheet
81Kb / 3P
Body height 1.6mm, Compact-sized Surface-mounting Type Rotary-Switches
TSW-3 SHINMEI-TSW-3 Datasheet
321Kb / 8P
Body Height 1.5mm, Compact-sized Double Action Type Tactile Switches
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
TSW-15 SHINMEI-TSW-15 Datasheet
182Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
TSW-24 SHINMEI-TSW-24 Datasheet
109Kb / 4P
Body Height 0.75mm, Compact-sized Double Action Type Tactile Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com