Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCL Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCL
Description  Two-way Detection Type with Female Connector Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCL Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCL Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCL Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCL Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
45
45
SSCL Two-way Detection Type with Female Connector Terminal
One-touch connection with female connector terminal
Unit:mm
Dimensions
Style
Unit:mm
Recommended Unit Terminal Style
Circuit Diagram
L
R
2
C
1
L
R
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50BA 5V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
0.7N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(0.1A 12V DC)
Product Line
Product No.
Female connector
type
36°
Terminal type
Inclination angle
(max. on one side)
SSCL110101
Minimum order unit(pcs)
Japan
Export
1,000
5,000
Poles
1
2
Positions
36°
36°
15°
7.1
3.7
5.1
2
Ø2hole
R1.35
11
Center of rotation
P
P'
Travel
Momentary
ON Starting position
3.7
2
5.3
Switch fitting
direction
Terminal②
Terminal① TerminalC
3.7
8.8
3.55
3.55
2-Φ2
3-1
0.4
Material:Resin
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,000
5,000
400×270×290


Similar Part No. - SSCL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSCLM393 SECOS-SSCLM393 Datasheet
575Kb / 4P
Dual Differential Comparator
More results

Similar Description - SSCL

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
Two-way Detection Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com