Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM Datasheet(PDF) 1 Page - XP Power Limited

Part # AFM
Description  Energy Efficiency Level V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AFM Datasheet(HTML) 1 Page - XP Power Limited

  AFM Datasheet HTML 1Page - XP Power Limited AFM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
30-60 Watts
•
Energy Efficiency Level V
•
CEC2008 & EISA2007 Compliant
•
IT & Medical Approvals
•
China Compulsory Certification (CCC) Qualified
•
Optional Class II Versions
•
Optional White Case Versions
•
3 Year Warranty
AFM Series
Input
Input Voltage
• 80-264 VAC, derate output power 25%
<90 VAC
Input Frequency
• 47-63 Hz
Input Current
• AFM30: 0.8 A rms at 115VAC,
AFM45: 1.2 A rms at 115VAC,
AFM60: 1.5 A rms at 115 VAC
Inrush Current
• AFM30: 50 A max at 240VAC,
AFM45: 50 A max at 240VAC,
AFM60: 120 A max at 240VAC
Power Factor
• EN61000-3-2, class A
Earth Leakage Current
• 150 µA max at 264 VAC/60 Hz
No Load Input Power
• AFM30/45: <0.3 W, AFM60: <0.5 W
Output
Output Voltage
• See table
Output Voltage Trim
• Not user-adjustable
Initial Set Accuracy
• ±2%
Minimum Load
• No minimum load required
Start Up Delay
• 3 s max at 115 VAC
Hold Up Time
• 8 ms minimum at 115 VAC
Line Regulation
• ±1.0% maximum
Load Regulation
• 2.5% maximum
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 1% max pk-pk (1)
Overvoltage Protection
• 110-170% Vnom, recycle input to reset
Overload Protection
• AFM45/60: 110-170%,
AFM30: 110-220%, auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See table
Energy Efficiency
• Level V
Isolation
• 4000 VAC Input to Output, 2 x MOPP
1500 VAC Input to Ground, 1 x MOPP*
Output 0 V is electrically connected to
Input Ground*.
*Not C8 version.
Switching Frequency
• 30/45 W: 58 kHz typ., 60 W: 52 kHz typ.
Power Density
• AFM30: 2.8 W/In3, AFM45: 4.2 W/In3,
AFM60: 3.76 W/In3
MTBF
• >250 kHrs to MIL-HDBK-217F at 25 °C,
GB, full load
Environmental
Operating Temperature
• 0 °C to +60 °C, derate from 100% power
at +40 °C to 60% power at +60 °C
Operating Humidity
• 10-95% RH, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 2000 m
Shock
• 30 g, 10 ms on 3 axes
Vibration
• 5-100 Hz, 2.31 m/s2, 20 mins, 3 axes
EMC & Safety
Emissions
• EN55011/22/FCC Class B conducted,
EN55011/22/FCC Class B radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 6 kV contact and
8 kV air discharge
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A (7)
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 Vrms Perf Criteria A
Magnetic Field
• EN61000-4-8, 3 A/m, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% for 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms,
Perf A, A, A, B (8)
Safety Approvals
• EN60950-1, UL60950-1, IEC60950-1
EN60601-1 (3rd Ed.), UL60601-1 (2nd Ed.),
IEC60601-1 (3rd Ed.) China Compulsory
Certification (CCC) Qualified.


Similar Part No. - AFM

ManufacturerPart #DatasheetDescription
logo
ORION FANS
AFM ORIONFANS-AFM Datasheet
718Kb / 1P
Air Flow Monitor
logo
GardTec, Inc.
AFM-120B GARDTEC-AFM-120B Datasheet
92Kb / 1P
Black Electrodeposit Plating
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162B GARDTEC-AFM-162B Datasheet
360Kb / 1P
Frame- 0.6mm Black Aluminum Mesh- 24#/25.4mm Black Stainless Steel
More results

Similar Description - AFM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
Energy Efficiency Level V
VEF XPPOWER-VEF Datasheet
364Kb / 2P
Energy Efficiency Level V
AFM120PS12 XPPOWER-AFM120PS12 Datasheet
106Kb / 2P
Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
Energy Efficiency Level VI
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
Energy Efficiency Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
65W Meets Energy Star efficiency level V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com