Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFM Datasheet(PDF) 2 Page - XP Power Limited

Part # AFM
Description  Energy Efficiency Level V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AFM Datasheet(HTML) 2 Page - XP Power Limited

  AFM Datasheet HTML 1Page - XP Power Limited AFM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19-Oct-15
AFM30-60
Mechanical Details
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and
0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For optional Class II versions with a polarised IEC320-C8 inlet, add suffix ‘C2’
to the model number, e.g. AFM60US24C2.
4. For alternative IEC320-C6 inlet, add suffix ‘C6’ to the model number
eg. AFM60US24C6.
5. For white case version add suffix -W. MOQ applies, contact sales for details.
6. Other output voltages are available, contact sales for details.
7. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
8. A minimum load of 1% is required to meet performance criteria A.
9. Performance criteria given for high line input.
0.17
(4.4)
0.68
(17.3)
0.07
(1.8)
0.66
(16.8)
B
0.53
(13.7)
80º
C
A
37.4 ±2 (950 ±50)
Output Plug: ø 5.5 x ø 2.5 x 11.0 mm
inner positive
LED Indicator
Optional AC Cable Restraint (see note 8 below)
1.31
(33.4)
Standard AC INLET
IEC-320-C14
Optional C8P AC INLET
IEC-320-C8P
Optional C6 AC INLET
IEC-320-C6
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Weight: AFM45: 0.56 lbs (256 g), AFM60: 0.78 lbs (360 g) approx.
3. Case material is PC Class 94 V-0.
4. Output Lead: UL1185, 16 AWG
5. For European mains lead order part EU-MAINS-IEC for C14 versions,
EU-MAINS-5 for C6 versions or EU-MAINS-8 for C8 versions.
6. For UK mains lead order part UK-MAINS-IEC for C14 versions,
UK-MAINS-5 for C6 versions or UK-MAINS-8 for C8 versions.
7. For US mains lead order part US-MAINS-IEC for C14 versions,
US-MAINS-5 for C6 versions or US-MAINS-8 for C8 versions.
8. For optional AC Cable Restraint on the standard input version add suffix ‘‘A’ to
the model number e.g. AFM60US24A. AC Mains Lead must be Interpower
Corporation, part number 70006020300. Option AC Cable Restraint is not
available on IEC320-C6 inlet or Class II versions.
9. The standard C7 cable fits the C8P connector.
Output Power
Output Voltage(6)
Output Current
Efficiency(7)
Model Number(3,4,5)
30 W
12 V
2.50 A
87.9%
AFM30US12
30 W
15 V
2.00 A
88.4%
AFM30US15
30 W
18 V
1.67 A
87.6%
AFM30US18
30 W
24 V
1.25 A
88.0%
AFM30US24
48 W
12 V
4.00 A
87.7%
AFM45US12
48 W
15 V
3.20 A
88.0%
AFM45US15
48 W
18 V
2.67 A
87.2%
AFM45US18
48 W
24 V
2.00 A
87.7%
AFM45US24
60 W
12 V
5.00 A
87.3%
AFM60US12
60 W
15 V
4.00 A
88.2%
AFM60US15
60 W
18 V
3.34 A
88.3%
AFM60US18
60 W
24 V
2.50 A
87.8%
AFM60US24
Notes
AFM30 & 45
AFM60
A
4.76 (121.0)
4.92 (125.0)
B
1.97 (50.0)
2.44 (62.0)
C
1.21 (30.8)
1.33 (34.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com