Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F169 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F169
Description  4-Stage Synchronous Bidirectional Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F169 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F169 Datasheet HTML 1Page - National Semiconductor (TI) 74F169 Datasheet HTML 2Page - National Semiconductor (TI) 74F169 Datasheet HTML 3Page - National Semiconductor (TI) 74F169 Datasheet HTML 4Page - National Semiconductor (TI) 74F169 Datasheet HTML 5Page - National Semiconductor (TI) 74F169 Datasheet HTML 6Page - National Semiconductor (TI) 74F169 Datasheet HTML 7Page - National Semiconductor (TI) 74F169 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
’F169
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Count Frequency
90
60
70
MHz
tPLH
Propagation Delay
30
65
85
30
120
30
95
ns
tPHL
CP to Qn (PE HIGH or LOW)
40
90
115
40
160
40
130
tPLH
Propagation Delay
55
120
155
55
200
55
175
ns
tPHL
CP to TC
40
85
125
40
150
40
130
tPLH
Propagation Delay
25
45
65
25
90
25
70
ns
tPHL
CET to TC
25
85
110
25
120
25
120
tPLH
Propagation Delay
35
85
115
35
160
35
125
ns
tPHL
UD to TC
40
80
120
40
140
40
130
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
40
45
45
ts(L)
Pn to CP
40
45
45
ns
th(H)
Hold Time HIGH or LOW
30
35
35
th(L)
Pn to CP
30
35
35
ts(H)
Setup Time HIGH or LOW
70
80
80
ts(L)
CEP or CET to CP
50
80
65
ns
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
CEP or CET to CP
05
10
05
ts(H)
Setup Time HIGH or LOW
80
100
90
ts(L)
PE to CP
80
100
90
ns
th(H)
Hold Time HIGH or LOW
10
10
10
th(L)
PE to CP
0
0
0
ts(H)
Setup Time HIGH or LOW
110
140
125
ts(L)
UD to CP
70
120
85
ns
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
UD to CP
0
0
0
tw(H)
CP Pulse Width
40
60
45
ns
tw(L)
HIGH or LOW
70
90
80
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com