Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F169 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F169
Description  4-Stage Synchronous Bidirectional Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F169 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F169 Datasheet HTML 1Page - National Semiconductor (TI) 74F169 Datasheet HTML 2Page - National Semiconductor (TI) 74F169 Datasheet HTML 3Page - National Semiconductor (TI) 74F169 Datasheet HTML 4Page - National Semiconductor (TI) 74F169 Datasheet HTML 5Page - National Semiconductor (TI) 74F169 Datasheet HTML 6Page - National Semiconductor (TI) 74F169 Datasheet HTML 7Page - National Semiconductor (TI) 74F169 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9488 – 1
Pin Assignment
for LCC
TLF9488 – 2
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
CEP
Count Enable Parallel Input (Active LOW)
1010
20 mA b06 mA
CET
Count Enable Trickle Input (Active LOW)
1020
20 mA b12 mA
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
P0–P3
Parallel Data Inputs
1010
20 mA b06 mA
PE
Parallel Enable Input (Active LOW)
1010
20 mA b06 mA
UD
Up-Down Count Control Input
1010
20 mA b06 mA
Q0–Q3
Flip-Flop Outputs
50333
b
1 mA20 mA
TC
Terminal Count Output (Active LOW)
50333
b
1 mA20 mA
Functional Description
The ’F169 uses edge-triggered J-K type flip-flops and has
no constraints on changing the control or data input signals
in either state of the clock The only requirement is that the
various inputs attain the desired state at least a setup time
before the rising edge of the clock and remain valid for the
recommended hold time thereafter The parallel load opera-
tion takes precedence over other operations as indicated in
the Mode Select Table When PE is LOW the data on the
P0–P3 inputs enters the flip-flops on the next rising edge of
the clock In order for counting to occur both CEP and CET
must be LOW and PE must be HIGH the UD input then
determines the direction of counting The Terminal Count
(TC) output is normally HIGH and goes LOW provided that
CET is LOW when a counter reaches zero in the Count
Down mode or reaches 15 for the ’F169 in the Count Up
mode The TC output state is not a function of the Count
Enable Parallel (CEP) input level Since the TC signal is de-
rived by decoding the flip-flop states there exists the possi-
bility of decoding spikes on TC For this reason the use of
TC as a clock signal is not recommended (see logic equa-
tions below)
1) Count Enable e CEP
 CET  PE
2) Up (’F169) TC e Q0  Q1  Q2  Q3  (Up)  CET
3) Down TC e Q0  Q1  Q2  Q3  (Down)  CET
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com