Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40US24.. Datasheet(PDF) 4 Page - XP Power Limited

Part # ECM40US24..
Description  Compact Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US24.. Datasheet(HTML) 4 Page - XP Power Limited

  ECM40US24.. Datasheet HTML 1Page - XP Power Limited ECM40US24.. Datasheet HTML 2Page - XP Power Limited ECM40US24.. Datasheet HTML 3Page - XP Power Limited ECM40US24.. Datasheet HTML 4Page - XP Power Limited ECM40US24.. Datasheet HTML 5Page - XP Power Limited ECM40US24.. Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Output
Voltage
Output Current
Model Number(1)
Minimum
Maximum
with 5 CFM Cooling
3.3 V
0.0 A
15.0 A
20.0 A
ECM100US03
5.0 V
0.0 A
15.0 A
20.0 A
ECM100US05
7.0 V
0.0 A
11.4 A
14.3 A
ECM100US07
9.0 V
0.0 A
8.8 A
11.1 A
ECM100US09
12.0 V
0.0 A
7.5 A
8.3 A
ECM100US12
15.0 V
0.0 A
6.0 A
6.6 A
ECM100US15
18.0 V
0.0 A
5.0 A
5.5 A
ECM100US18
24.0 V
0.0 A
4.1 A
4.1 A
ECM100US24
28.0 V
0.0 A
3.6 A
3.6 A
ECM100US28
33.0 V
0.0 A
3.0 A
3.0 A
ECM100US33
48.0 V
0.0 A
2.1 A
2.1 A
ECM100US48
4X ø0.16 (4.0) mounting holes
ø0.31 (7.9) clearance top and bottom
0.25 faston ground tab
0.20
(5.1)
2.10
(53.3)
1.20 (30.5)
2.50
(63.5)
2.25
(57.1)
1.25 (3.2)
0.20
(5.1)
1.27
(32.2)
4.50 (114.3)
4.25 (107.9)
0.12 (3.2)
J2
1
12
J1
1
2
V Adj.
0.14 (3.5)
SMD component height
Cover dimensions are 4.98 x 3.01 x
1.54 (126.5 x 76.4 x 39.0)
ECM100
Models and Ratings
Output Connector J2
Pin
Single
Multi
1
V1
+V1
2
V1
+V1
3
V1
+V1
4
V1
+V1
5
V1 RTN
RTN
6
V1 RTN
RTN
7
V1 RTN
RTN
8
V1 RTN
RTN
9
NOT USED
+V2
10
NOT USED
+V2
11
NOT USED
±V3
12
NOT USED
-V4
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.4 lbs (180 g) approx.
3. Cable harnessess with 300 mm wire available. For single output models, order
part number ECM100S LOOM†. For multi-outputs (dual and triple output only),
p/n ECM100DT LOOM†.
4. Mating connector kit available for single output models. Order part number
ECM100S CONKIT†^.
5. Covers available. Order part number ECM100 COVER†^.
6. Available in a 3” x 5” footprint for OEM quantities. Contact sales for details.
7. 3D drawing files available from www.xppower.com/cad.php.
Input Connector J1
Pin 1
Line
Pin 2
Neutral
J1 mates with Molex housing 43061-0003 and Molex series
5194 crimp terminals. Ground (0.25 faston) tab standard.
J2 mates with Molex housing 43061-0012 and Molex
series 5194 crimp terminals.
Derating Curves
20
10
30
40
50
60
70
80
0
60
100
Ambient Temp (°C)
0
80
20
40
A
D
C
A
B
C
D
B
US24-48
US12-18
US05
US03
20
10
30
40
50
60
70
80
0%
50%
100%
Ambient Temp (°C)
0
75%
25%
Note:
1. Derate by 10% if cover is fitted.
2. For multi output convection-
cooled operation above +50 °C
derate linearly to 50% at +70 °C.
Notes
Multi Output Models
Single Output Models
1. To receive unit with cover fitted, add suffix ‘-C’ to model number. For Class I
operation only.
2. Output 3 available with opposite polarity for OEM quantities.
Consult longform datasheet for installation information regarding optimum thermal ratings in convection-cooled applications.
Output Power
Output 1
Output 2
Output 3
Output 4
Model Number(1)
Convection
Cooled
Forced Air
5 CFM
Voltage
Current
Min/Max
Voltage
Current
Min/Max
Voltage
Current
Min/Max
Voltage
Current
Min/Max
80 W
100 W
+5.0 V
0.0 A/12.0 A
+12.0 V
0.0 A/3.0 A
ECM100UD21
80 W
100 W
+5.0 V
0.0 A/12.0 A
+15.0 V
0.0 A/3.0 A
ECM100UD22
75 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.0 A/3.0 A
-12.0 V
0.0 A/0.8 A
ECM100UT31
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.0 A/2.0 A
-12.0 V
0.0 A/0.8 A
ECM100UT32
80 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.0 A/3.0 A
-15.0 V
0.0 A/0.8 A
ECM100UT33
65 W
100 W
+3.3 V
0.5 A/10.0 A
+5.0 V
0.0 A/5.0 A
+12.0 V
0.0 A/0.8 A
ECM100UT34
70 W
100 W
+5.0 V
0.5 A/10.0 A
+3.3 V
0.0 A/5.0 A
+12.0 V
0.0 A/0.8 A
ECM100UT35
80 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.0 A/3.0 A
-5.0 V
0.0 A/0.8 A
ECM100UT36
70 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.0 A/3.0 A
-5.0 V
0.0 A/0.8 A
ECM100UT37
65 W
100 W
+5.0 V
0.5 A/10.0 A
+3.3 V
0.1 A/5.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ41
60 W
100 W
+3.3 V
0.5 A/10.0 A
+5.0 V
0.1 A/5.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ42
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.1 A/2.0 A
+12.0 V
0.0 A/0.8 A
-12.0 V
0.0 A/0.5 A
ECM100UQ43
80 W
100 W
+5.0 V
0.5 A/10.0 A
+24.0 V
0.1 A/2.0 A
+15.0 V
0.0 A/0.8 A
-15.0 V
0.0 A/0.5 A
ECM100UQ44
80 W
100 W
+5.0 V
0.5 A/10.0 A
+12.0 V
0.1 A/3.0 A
-12.0 V
0.0 A/0.8 A
-5.0 V
0.0 A/0.5 A
ECM100UQ45
80 W
100 W
+5.0 V
0.5 A/10.0 A
+15.0 V
0.1 A/3.0 A
-15.0 V
0.0 A/0.8 A
-5.0 V
0.0 A/0.5 A
ECM100UQ46
All ECM100 single output models convectioncooled
All ECM100 models with 5 CFM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com