Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40US24.. Datasheet(PDF) 6 Page - XP Power Limited

Part # ECM40US24..
Description  Compact Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US24.. Datasheet(HTML) 6 Page - XP Power Limited

  ECM40US24.. Datasheet HTML 1Page - XP Power Limited ECM40US24.. Datasheet HTML 2Page - XP Power Limited ECM40US24.. Datasheet HTML 3Page - XP Power Limited ECM40US24.. Datasheet HTML 4Page - XP Power Limited ECM40US24.. Datasheet HTML 5Page - XP Power Limited ECM40US24.. Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
27-Sept-12
Input Voltage
Range
Input Frequency
Input Current
Earth (1)
Leakage
Current
Output
Power
Output Voltage
Output Current
Model Number
115 VAC
230 VAC
90-264 VAC
(120-370 VDC)
47-63 Hz
1.8 A max
1.1 A max
<1 mA
100 W
+56 V
1.8 A
POE100US56
POE100
Models and Ratings
Notes
1. Earth leakage current rated at 264 VAC/60 Hz.
2. Input is protected with internal T3.15 A, 250 V, fuse in line
3. Output to Ground Isolation 1500 VAC POE version.
4. For full product details contact sales, or visit www.xppower.com
Output Connector J2
Pin 1
56V
Pin 2
56V
Pin 3
RTN
Pin 4
RTN
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight 0.35 lb (158 g) approx.
SMD Component Height
4.00 (101.6)
3.75 (95.3)
0.13
(3.2)
1.26
(32.0)
0.20
(5.1)
0.13
(3.2)
2.00
(50.8)
1.75
(44.5)
0.94
(23.8)
0.21
(5.3)
4X Ø0.156 (3.96) mounting holes
Ø0.312 (7.92) clearance top and bottom
0.25” Faston Ground Tab
Voltage Adjust
0.19 (4.8)
1.25 (31.8)
Input Connector J1
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
J1 mates with
Molex housing 09-50-1031 &
Molex series 5194 crimp terminals
J2 mates with
Molex housing 09-50-1041 &
Molex series 5194 crimp terminals
Derating Curves
20
10
30
40
50
60
70
80
0
40
80
Ambient Temp (°C)
0
60
20
20
10
30
40
50
60
70
80
Ambient Temp (°C)
0
0
40
80
100
60
20
Convectioncooled
Fancooled with 10 CFM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com