Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP
Description  Single Outputs from 3.3 to 48 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP Datasheet(HTML) 2 Page - XP Power Limited

  ECP Datasheet HTML 1Page - XP Power Limited ECP Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-Jan-11
ECP20
0.1 (2.5)
2.64 (67)
Maximum Component
depth: 0.10 (2.60)
2.44 (62)
2
1
3
4
5
0.06 (1.60)
ø 0.080 (ø2.00)
ø 0.040 (ø1.00)
Mechanical Details
Models and Ratings
Output
Power
Output 1
Output 2
Efficiency(2)
Model Number
Voltage
Current
Peak(1)
Voltage
Current
Peak(1)
13.2 W
3.3 VDC
4.0 A
5.20 A
75%
ECP20US03
20 W
5.0 VDC
4.0 A
5.20 A
80%
ECP20US05
20 W
9.0 VDC
2.23 A
2.90 A
82%
ECP20US09
20 W
12.0 VDC
1.67 A
2.17 A
84%
ECP20US12
20 W
15.0 VDC
1.34 A
1.74 A
84%
ECP20US15
20 W
24.0 VDC
0.84 A
1.09 A
85%
ECP20US24
20 W
30.0 VDC
0.67 A
0.87 A
86%
ECP20US30
20 W
48.0 VDC
0.42 A
0.55 A
87%
ECP20US48
20 W
+12.0 VDC
0.84 A
1.09 A
-12.0 VDC
0.84 A
1.09 A
83%
ECP20UD12
20 W
+15.0 VDC
0.67 A
0.87 A
-15.0 VDC
0.67 A
0.87 A
84%
ECP20UD15
20 W
+24.0 VDC
0.42 A
0.55 A
-24.0 VDC
0.42 A
0.55 A
84%
ECP20UD24
1. All dimensions are in inches (mm).
2. Weight: 0.105 lbs (45 g)
3. Tolerance: ±0.02 (±0.05)
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Efficiency is measured at 230 VAC Input, 25 °C and full load.
Notes
Pin
ECP20US
ECP20UD
1
Line
Line
2
Neutral
Neutral
3
Output -VE
Output -VE
4
Not Connected
Output Common
5
Output +VE
Output +VE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com