Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP Datasheet(PDF) 1 Page - XP Power Limited

Part # ECP
Description  Single Outputs from 3.3 to 48 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP Datasheet(HTML) 1 Page - XP Power Limited

  ECP Datasheet HTML 1Page - XP Power Limited ECP Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
20 Watts
•
Low Profile, 0.73”
•
Class II Construction
•
PCB Mounting
•
Single Outputs from 3.3 to 48 V
•
Dual Outputs from 12 to 24 V
•
<0.3 W No Load Input Power
•
3 Year Warranty
ECP Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 0.5 A max at 115 VAC
Inrush Current
• 40 A max at 230 VAC, cold start 25 °C
Earth Leakage Current
• Class II construction, no earth
Power Factor
• Conforms to EN61000-3-2, Class A
No Load Input Power
• <0.3 W
Input Protection
• T1A / 250 VAC fuse in line
Output
Output Voltage
• See table
Initial Set Accuracy
• ±1% at 60% load
Minimum Load
• 10% on dual output models only
Start Up Delay
• 1.3 s max
Start Up Rise Time
• 15 ms typical
Hold Up Time
• 10 ms min at full load & 115 VAC
Line Regulation
• ±0.5% max
Load Regulation
• ±1.0% max (single output models)
±2.0% max (dual output models)
Cross Regulation
• Dual output models: 3% on one
output when the other is varied from
10%-100% load
Transient Response
• 4% max deviation, recovering to less than
1% within 500µs for 50% step load
change at 1 A/µs
Ripple & Noise
• 3.3 & 5 V versions: 50 mV, 1% for others
measured with 20 MHz bandwidth
Overvoltage Protection
• 110-140% of nominal output voltage
Overload Protection
• 150-180% of full load current
Short Circuit Protection
• Trip and restart (hiccup mode)
Peak Load
• See table
Temperature
• ±0.02%/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
Switching Frequency
• 100 kHz typical
Power Density
• 6.80 W/in3
MTBF
• >400 kHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -10 °C to +70 °C, derate from 100% load
at 50 °C to 50% load at 70 °C
Cooling
• Natural convection
Operating Humidity
• 5% to 90% RH, non-condensing
Storage Temperature
• -40 °C to +90 °C
Shock
• 30 g, half sine, 6 axes
Vibration
• 5 to 50 Hz, accelerated 7.35 m/s
each x, y, z axes
Altitude
• 3000 m
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV coupling plate
discharge, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2, Perf Criteria A
EFT / Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 2, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• EN60950-1, cUL60950, IEC60950-1


Similar Part No. - ECP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
logo
List of Unclassifed Man...
ECP ETC-ECP Datasheet
126Kb / 1P
EURO CONVERTER PLUG (ECP)
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
ECP-5414 ETC-ECP-5414 Datasheet
194Kb / 1P
AMD Geode??GX1 Communication Platform
More results

Similar Description - ECP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
Ratings from 25A to 125A @ 48-660 V AC
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
Single Outputs Ranging from 3.3VDC to 48VDC
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
Single Outputs from 5 V to 48 V
AEH XPPOWER-AEH Datasheet
617Kb / 5P
Output Voltages from 2.5 V to 48 V
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
XP Power Limited
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
Single Outputs from 18 V to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com