Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD07N03L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD07N03L
Description  OptiMOS Buck converter series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD07N03L Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD07N03L Datasheet HTML 1Page - Infineon Technologies AG IPD07N03L Datasheet HTML 2Page - Infineon Technologies AG IPD07N03L Datasheet HTML 3Page - Infineon Technologies AG IPD07N03L Datasheet HTML 4Page - Infineon Technologies AG IPD07N03L Datasheet HTML 5Page - Infineon Technologies AG IPD07N03L Datasheet HTML 6Page - Infineon Technologies AG IPD07N03L Datasheet HTML 7Page - Infineon Technologies AG IPD07N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003-01-17
Page 2
IPD07N03L
IPU07N03L
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
0.68
1
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
100
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
-
75
50
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=1mA
V(BR)DSS
30
-
-
V
Gate threshold voltage, VGS = VDS
ID = 80 µA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS=30V, VGS=0V, Tj=25°C
VDS=30V, VGS=0V, Tj=125°C
IDSS
-
-
0.01
10
1
100
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
1
100
nA
Drain-source on-state resistance
VGS=4.5V, ID=30A
RDS(on)
-
7.7
9.9
m
Ω
Drain-source on-state resistance
VGS=10V, ID=30A
RDS(on)
-
5.7
6.8
1Current limited by bondwire ; with an R
thJC = 1K/W the chip is able to carry ID= 116A at 25°C, for detailed
information see app.-note ANPS071E available at www.infineon.com/optimos
2Defined by design. Not subject to production test.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com