Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD07N03L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD07N03L
Description  OptiMOS Buck converter series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD07N03L Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD07N03L Datasheet HTML 1Page - Infineon Technologies AG IPD07N03L Datasheet HTML 2Page - Infineon Technologies AG IPD07N03L Datasheet HTML 3Page - Infineon Technologies AG IPD07N03L Datasheet HTML 4Page - Infineon Technologies AG IPD07N03L Datasheet HTML 5Page - Infineon Technologies AG IPD07N03L Datasheet HTML 6Page - Infineon Technologies AG IPD07N03L Datasheet HTML 7Page - Infineon Technologies AG IPD07N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003-01-17
Page 3
IPD07N03L
IPU07N03L
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=30A
29
58
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1900
2530
pF
Output capacitance
Coss
-
740
990
Reverse transfer capacitance
Crss
-
180
270
Gate resistance
RG
-
2.3
-
Ω
Turn-on delay time
td(on)
VDD=15V, VGS=10V,
ID=15A,
RG=3.6Ω
-
7.8
11.7
ns
Rise time
tr
-
17
26
Turn-off delay time
td(off)
-
62
93
Fall time
tf
-
47
70
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=15V, ID=15A
-
4.4
5.5
nC
Gate to drain charge
Qgd
-
14.8
18.1
Gate charge total
Qg
VDD=15V, ID=15A,
VGS=0 to 5V
-
26.8
33.5
Output charge
Qoss
VDS=15V, ID=15A,
VGS=0V
-
25.5
31.9
nC
Gate plateau voltage
V(plateau)
VDD=15V, ID=15A
-
2.5
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
30
A
Inv. diode direct current, pulsed
ISM
-
-
120
Inverse diode forward voltage
VSD
VGS=0V, IF=30A
-
0.9
1.3
V
Reverse recovery time
trr
VR=15V, IF=lS,
diF/dt=100A/µs
-
41
51
ns
Reverse recovery charge
Qrr
-
46
58
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com