Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEL05 Datasheet(PDF) 7 Page - XP Power Limited

Part # VEL05
Description  AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEL05 Datasheet(HTML) 7 Page - XP Power Limited

  VEL05 Datasheet HTML 1Page - XP Power Limited VEL05 Datasheet HTML 2Page - XP Power Limited VEL05 Datasheet HTML 3Page - XP Power Limited VEL05 Datasheet HTML 4Page - XP Power Limited VEL05 Datasheet HTML 5Page - XP Power Limited VEL05 Datasheet HTML 6Page - XP Power Limited VEL05 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
06-Jan-15
VEL05 Series
www.xppower.com
AC-DC Power Supplies
7
0.08 (27.2)
2.6 (6.8)
0.27 (7.0)
0.07 (1.8)
0.41 (10.5)
0.22 (5.7)
TIE
BLACK
59.0 (1500)
2.7 (70.0)
1(+)
5(-)
Wire type: VW-1 80°C 300 V L=1500 mm 2464 3.5ø 24 AWG black
The polarity
Output Lead and Connection - DC Jack Velsions (JA)
BLACK AND WHITE
PVB 30-35P
24 AWG
0.47 (12.0)
0.083 (2.1)
0.22 (5.5)
59.0 (1500)
2.7 (70)
TIE
Wire type: VW-1 80°C 300 V L=1500 mm 2464 24 AWG 2C Black and White. Black - Negative, White - Positive
The polarity
Mechanical Details
Output Lead and Connection - Micro USB Velsions (UB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com